Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E158FNR2G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10E158FNR2G
Descripción Electrónicos  5V ECL 5?륛it 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E158FNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E158FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 10
1
Publication Order Number:
MC10E158/D
MC10E158, MC100E158
5 V ECL 5‐Bit 2:1 Multiplexer
Description
The MC10E/100E158 contains five 2:1 multiplexers with
differential outputs. The output data are controlled by the Select input
(SEL).
The 100 Series contains temperature compensation.
Features
600 ps Max. D to Output
800 ps Max. SEL to Output
Differential Outputs
One VCCO Pin Per Output Pair
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
Human Body Model; > 2 kV
Machine Model; > 200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level: 3 (Pb-Free)
For Additional Information, see Application Note AND8003/D
Flammability Rating:
UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
Transistor Count = 126 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE158FNG
AWLYYWW
1
www.onsemi.com
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10E158FNG
PLCC−28
(Pb-Free)
37 Units/Tube
MC10E158FNR2G
PLCC−28
(Pb-Free)
500/Tape & Reel
PLCC−28
(Pb-Free)
MC100E158FNG
37 Units/Tube


Número de pieza similar - MC10E158FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E158FNR2G ONSEMI-MC10E158FNR2G Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com