Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100E158FNG Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC100E158FNG
Descripción Electrónicos  5V ECL 5?륛it 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E158FNG Datasheet(HTML) 5 Page - ON Semiconductor

  MC100E158FNG Datasheet HTML 1Page - ON Semiconductor MC100E158FNG Datasheet HTML 2Page - ON Semiconductor MC100E158FNG Datasheet HTML 3Page - ON Semiconductor MC100E158FNG Datasheet HTML 4Page - ON Semiconductor MC100E158FNG Datasheet HTML 5Page - ON Semiconductor MC100E158FNG Datasheet HTML 6Page - ON Semiconductor MC100E158FNG Datasheet HTML 7Page - ON Semiconductor MC100E158FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E158, MC100E158
www.onsemi.com
5
Table 7. 100E SERIES NECL DC CHARACTERISTICS (VCCx = 0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
33
40
33
40
38
46
mA
VOH
Output HIGH Voltage (Note 2)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 2)
−1810 −1705 −1620 −1810 −1745 −1620 −1810 −1740 −1620
mV
VIH
Input HIGH Voltage
−1165 −1025
−880
−1165 −1025
−880
−1165 −1025
−880
mV
VIL
Input LOW Voltage
−1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475
mV
IIH
Input HIGH Current
D
SEL
200
150
200
150
200
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 8. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
700
1100
700
1100
700
1100
MHz
tPLH
tPHL
Propagation Delay to Output
D
SEL
250
450
500
700
650
825
250
450
500
700
650
825
250
450
500
700
650
825
ps
tSKEW
Within-Device Skew (Note 2)
60
60
60
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
tf
Rise/Fall Time
(20 - 80%)
275
425
650
275
425
650
275
425
650
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. Within-device skew is defined as identical transitions on similar paths through a device.


Número de pieza similar - MC100E158FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100E158FNG ONSEMI-MC100E158FNG Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com