Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EL89 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10EL89
Descripción Electrónicos  5V ECL Coaxial Cable Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL89 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EL89_16 Datasheet HTML 1Page - ON Semiconductor MC10EL89_16 Datasheet HTML 2Page - ON Semiconductor MC10EL89_16 Datasheet HTML 3Page - ON Semiconductor MC10EL89_16 Datasheet HTML 4Page - ON Semiconductor MC10EL89_16 Datasheet HTML 5Page - ON Semiconductor MC10EL89_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 10
1
Publication Order Number:
MC10EL89/D
MC10EL89
5V ECL Coaxial Cable
Driver
Description
The MC10EL89 is a differential fanout gate specifically designed to
drive coaxial cables. The device is especially useful in Digital Video
Broadcasting applications; for this application, since the system is
polarity free, each output can be used as an independent driver. The
driver boasts a gain of approximately 40 and produces output swings
twice as large as a standard ECL output. When driving a coaxial cable,
proper termination is required at both ends of the line to minimize
signal loss. The 1.6 V output swings allow for termination at both ends
of the cable, while maintaining the required 800 mV swing at the
receiving end of the cable. Because of the larger output swings, the
device cannot be terminated into the standard −2.0 V. All of the DC
parameters are tested with a 50
W to −3.0 V load. The driver accepts a
standard differential ECL input and can run off of the Digital Video
Broadcast standard −5.0 V supply.
Features
375 ps Propagation Delay
1.6 V Output Swings
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
Q0
Q0
Q1
Q1
D
D
5
6
7
8
4
3
2
1
VEE
VCC
Figure 1. Logic Diagram and Pinout Assignment
MARKING DIAGRAMS*
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb-Free Package
SOIC−8 NB
D SUFFIX
CASE 751−07
1
8
www.onsemi.com
HEL89
ALYW
G
1
8
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10EL89DG
SOIC−8
(Pb-Free)
98 Units/Tube
MC10EL89DR2G
SOIC−8
(Pb-Free)
2500/Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Número de pieza similar - MC10EL89_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EL89D ONSEMI-MC10EL89D Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10EL89D ONSEMI-MC10EL89D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL89DG ONSEMI-MC10EL89DG Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10EL89DR2 ONSEMI-MC10EL89DR2 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10EL89DR2G ONSEMI-MC10EL89DR2G Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com