Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10ELT20DR2G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC10ELT20DR2G
Descripción Electrónicos  5V TTL to Differential PECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT20DR2G Datasheet(HTML) 6 Page - ON Semiconductor

  MC10ELT20DR2G Datasheet HTML 1Page - ON Semiconductor MC10ELT20DR2G Datasheet HTML 2Page - ON Semiconductor MC10ELT20DR2G Datasheet HTML 3Page - ON Semiconductor MC10ELT20DR2G Datasheet HTML 4Page - ON Semiconductor MC10ELT20DR2G Datasheet HTML 5Page - ON Semiconductor MC10ELT20DR2G Datasheet HTML 6Page - ON Semiconductor MC10ELT20DR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC10ELT20, MC100ELT20
www.onsemi.com
6
PACKAGE DIMENSIONS
SOIC−8 NB
CASE 751−07
ISSUE AK
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Número de pieza similar - MC10ELT20DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10ELT20DR2G ONSEMI-MC10ELT20DR2G Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results

Descripción similar - MC10ELT20DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
Fairchild Semiconductor
100ELT22 FAIRCHILD-100ELT22 Datasheet
119Kb / 5P
   5V Dual TTL to Differential PECL Translator
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Fairchild Semiconductor
100ELT23 FAIRCHILD-100ELT23 Datasheet
114Kb / 5P
   5V Dual Differential PECL to TTL Translator (Preliminary)
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com