Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP11 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10EP11
Descripción Electrónicos  ECL 1:2 Differential Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP11 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP11 Datasheet HTML 1Page - ON Semiconductor MC10EP11 Datasheet HTML 2Page - ON Semiconductor MC10EP11 Datasheet HTML 3Page - ON Semiconductor MC10EP11 Datasheet HTML 4Page - ON Semiconductor MC10EP11 Datasheet HTML 5Page - ON Semiconductor MC10EP11 Datasheet HTML 6Page - ON Semiconductor MC10EP11 Datasheet HTML 7Page - ON Semiconductor MC10EP11 Datasheet HTML 8Page - ON Semiconductor MC10EP11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC10EP11, MC100EP11
www.onsemi.com
2
1
2
3
4
5
6
7
8
D
VEE
VCC
Figure 1. 8-Lead Pinout (Top View) and Logic Diagram
Q0
D
Q1
Q1
Q0
Table 1. PIN DESCRIPTION
PIN
D*, D**
Q0, Q0, Q1, Q1
ECL Data Outputs
FUNCTION
ECL Data Inputs
VCC
VEE
Negative Supply
Positive Supply
* Pins will default LOW when left open.
** Pins will default to high when left open.
R1
R2
R1
EP
(DFN−8 only) Thermal
exposed pad must be
connected to a sufficient
thermal conduit. Electrically
connect to the most negative
supply (GND) or leave
unconnected, floating open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
37.5 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb-Free Pkg
SOIC−8NB
TSSOP−8
DFN−8
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
73 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Número de pieza similar - MC10EP11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11 ONSEMI-MC10EP11 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP116 ONSEMI-MC10EP116 Datasheet
122Kb / 8P
   Hex Differential Line Receiver
March, 2000 ??Rev. 3
MC10EP116 ONSEMI-MC10EP116 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results

Descripción similar - MC10EP11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com