Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP446MNG Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC10EP446MNG
Descripción Electrónicos  8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP446MNG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC10EP446MNG Datasheet HTML 4Page - ON Semiconductor MC10EP446MNG Datasheet HTML 5Page - ON Semiconductor MC10EP446MNG Datasheet HTML 6Page - ON Semiconductor MC10EP446MNG Datasheet HTML 7Page - ON Semiconductor MC10EP446MNG Datasheet HTML 8Page - ON Semiconductor MC10EP446MNG Datasheet HTML 9Page - ON Semiconductor MC10EP446MNG Datasheet HTML 10Page - ON Semiconductor MC10EP446MNG Datasheet HTML 11Page - ON Semiconductor MC10EP446MNG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
8
Table 9. 10EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 8)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
90
110
140
90
110
140
95
115
145
mA
VOH
Output HIGH Voltage (Note 9)
−1135
−1010
−885
−1070
−945
−820
−1010
−885
−760
mV
VOL
Output LOW Voltage (Note 9)
−1935
−1810
−1685
−1870
−1745
−1620
−1810
−1685
−1560
mV
VIH
Input HIGH Voltage (Single−Ended)
−1210
−885
−1145
−820
−1085
−760
mV
VIL
Input LOW Voltage (Single−Ended)
−1935
−1610
−1870
−1545
−1810
−1485
mV
VBB
Output Voltage Reference
−1510
−1460
−1310
−1445
−1395
−1245
−1385
−1335
−1185
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 10)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
(All Except SYNC, SYNC)
SYNC, SYNC
0.5
−150
0.5
0.5
−150
0.5
0.5
−150
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC.
9. All loading with 50
W to VCC − 2.0 V.
10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 10. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
90
110
130
90
110
130
95
115
135
mA
VOH
Output HIGH Voltage (Note 12)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 12)
1305
1480
1605
1305
1480
1605
1305
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
CMOS
PECL
TTL
2000
2075
2000
3300
3300
3300
2000
2075
2000
3300
3300
3300
2000
2075
2000
3300
3300
3300
mV
VIL
Input LOW Voltage (Single−Ended)
CMOS
PECL
TTL
0
1305
0
800
1675
800
0
1305
0
800
1675
800
0
1305
0
800
1675
800
mV
VBB
Output Voltage Reference
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
12. All loading with 50
W to VCC − 2.0 V.
13. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Número de pieza similar - MC10EP446MNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP446MNG ONSEMI-MC10EP446MNG Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
More results

Descripción similar - MC10EP446MNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com