Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H102 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10H102
Descripción Electrónicos  Quad 2?륤nput NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H102 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H102_16 Datasheet HTML 1Page - ON Semiconductor MC10H102_16 Datasheet HTML 2Page - ON Semiconductor MC10H102_16 Datasheet HTML 3Page - ON Semiconductor MC10H102_16 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H102
www.onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range
Plastic
Ceramic
−55 to +150
−55 to +165
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
29
26
29
mA
IinH
Input Current High
425
265
265
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Outputs are terminated through a 50 W resistor to −2.0 V.
Table 3. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.4
1.25
0.4
1.25
0.4
1.4
ns
tr
Rise Time
0.5
1.5
0.5
1.6
0.55
1.7
ns
tf
Fall Time
0.5
1.5
0.5
1.6
0.55
1.7
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Número de pieza similar - MC10H102_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H102FN ONSEMI-MC10H102FN Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
MC10H102FNG ONSEMI-MC10H102FNG Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
MC10H102FNR2 ONSEMI-MC10H102FNR2 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
MC10H102FNR2G ONSEMI-MC10H102FNR2G Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
MC10H102L ONSEMI-MC10H102L Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
More results

Descripción similar - MC10H102_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H104 ONSEMI-MC10H104_16 Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com