Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H107FNR2G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC10H107FNR2G
Descripción Electrónicos  Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H107FNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H107FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H107FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H107FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H107FNR2G Datasheet HTML 4Page - ON Semiconductor MC10H107FNR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H107
www.onsemi.com
3
Table 3. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.4
1.5
0.4
1.6
0.4
1.7
ns
tr
Rise Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
tf
Fall Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Número de pieza similar - MC10H107FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H107FNR2G ONSEMI-MC10H107FNR2G Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
More results

Descripción similar - MC10H107FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC10107 ONSEMI-MC10107_02 Datasheet
108Kb / 8P
   Triple 2-Input Exclusive OR/ Exclusive NOR Gate
January, 2002 ??Rev. 7
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC1674 MOTOROLA-MC1674 Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
logo
Hitachi Semiconductor
HD14070B HITACHI-HD14070B Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micrel Semiconductor
SY100S307 MICREL-SY100S307_10 Datasheet
387Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com