Nombre de pieza
         Descripción
LM161

 High Speed Differential Comparators ( 10 Page)


NSC
100% 
Zoom Out Zoom In
 
 2 page
background image
Logic Diagram
DS005708-4
*Output is low when current is drawn from strobe pin.
www.national.com
2
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
DS90LV017LVDS Single High Speed Differential Driver 1 2 3 4 National Semiconductor
DS9638RS-422 Dual High Speed Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor
FIN10323.3V LVDS 4-Bit High Speed Differential Receiver 1 2 3 4 5 MoreFairchild Semiconductor
SP8127NHigh Speed Differential APC Amplifier 1 2 3 4 5 Sipex Corporation
SN65LVDS31HIGH SPEED DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SP8130High Speed Differential APC Amplifier 1 2 3 4 5 Sipex Corporation
DS90LV017ALVDS Single High Speed Differential Driver 1 2 3 4 5 MoreNational Semiconductor
FIN10483.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver 1 2 3 4 5 MoreFairchild Semiconductor
ADCMP561Dual High Speed PECL Comparators 1 2 3 4 5 MoreAnalog Devices
DS26F31MQuad High Speed Differential Line Drivers 1 2 3 4 5 National Semiconductor