Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ06-120MRP-1 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

No. de pieza MJ06-120MRP-1
Descripción Electrónicos  General Purpose Gigabit Transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JAE [Japan Aviation Electronics Industry, Ltd.]
Página de inicio  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MJ06-120MRP-1 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  MJ06-120MRP-1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MJ06-120MRP-1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MJ06-120MRP-1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MJ06-120MRP-1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MJ06-120MRP-1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MJ06-120MRP-1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. MJ06-120MRP-1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. MJ06-120MRP-1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. MJ06-120MRP-1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MB-0206-1
2/10
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
MJ06-120FRP
Angle Socket
MJ06-120MSP-A0-A
Pin Header Short
MJ06-120MSP-A3-A
Pin Header Long
(for Board Thickness 3.5mm)
MJ06-120MSP-A5-A
Pin Header Long
(for Board Thickness 5mm)
MJ06-120S
Shroud
MJ06-120MRP-1
Angle Pin Header
All 6 items
+Available in compatible harness type
(Please contact us for information.)
MJ06 Series Mating Operation
Materials and Finishes
Pin Connector
Socket Connector
Board Through-Hole Specification (for reference)
MJ06-120FRP
Angle Socket
Mating Possible
1.4mm to 5.0mm
Board Thickness
0.7mm dia. ± 0.025mm
20 µm (min.)
0.6mm dia. ± 0.05mm
Glass fabric filled laminated epoxy board
Prepared Hole Drilled Diameter
Copper Plating Thickness
Finished Diameter
(Au flash plating over copper)
Board Material
Copper alloy /
Contact area: Au plating over Ni
Terminal area:
Au flash plating over Ni
(Note) Pin contact and ground
contact in common
Glass filled PBT (white)
Material / Finish
Insulator
Contact
Component
Copper alloy /
Contact area: Au plating over Ni
Terminal area:
Au flash plating over Ni
(Note) Socket contact and ground
plate in common
Glass filled PBT (white)
Material / Finish
Insulator
Contact
Component


Número de pieza similar - MJ06-120MRP-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MJ0EA VISHAY-MJ0EA Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJ0EB VISHAY-MJ0EB Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJ0EC VISHAY-MJ0EC Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJ0ED VISHAY-MJ0ED Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJ0EE VISHAY-MJ0EE Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
More results

Descripción similar - MJ06-120MRP-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
   General Purpose
FE-1X PREMO-FE-1X Datasheet
127Kb / 1P
   General Purpose
FR-FRR PREMO-FR-FRR Datasheet
153Kb / 1P
   General Purpose
FEH-1X PREMO-FEH-1X Datasheet
147Kb / 1P
   General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
   General purpose
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
   General Purpose
logo
Skynet Electronic Copyr...
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
   General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
   General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
   General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com