Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST12S010VBA Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

No. de pieza ST12S010VBA
Descripción Electrónicos  microSDTM Memory Card Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JAE [Japan Aviation Electronics Industry, Ltd.]
Página de inicio  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ST12S010VBA Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  ST12S010VBA Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ST12S010VBA Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ST12S010VBA Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ST12S010VBA Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ST12S010VBA Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0290-1
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
2/5
ST12 S 010 V B A (R1800)
Plating Specification
B: Au / Au flash plating
Connection Type
V: SMT mounting with hold-downs
No. of Contacts
Series
Connector Type
S: Non-ZIF structure
Modification Code
Reel Part Number (Note)
Note) An embossed tape reel contains 1,800 pcs.
Please contact us for details on embossed tape specifications.
Component
Material
Finish
Signal Contact
D-SW Contact
Copper alloy
Contact: Au plating over Ni
Terminal: Au flash plating over Ni
Housing
Synthetic resin
Cover
Stainless steel
Terminal area: Au flash plating over Ni
Eject Bar
Synthetic resin
Lock
Stainless steel
Spring
Stainless steel
Cam Follower
Stainless steel
Materials and Finishes
Ordering Information


Número de pieza similar - ST12S010VBA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST120-100L2MI VISHAY-ST120-100L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1MI VISHAY-ST120-25T1MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
ST1200 STMICROELECTRONICS-ST1200 Datasheet
24Kb / 2P
   Memory Card IC 256 bit OTP EPROM with Lock-Out
logo
Vishay Siliconix
ST1200-25T3MI VISHAY-ST1200-25T3MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Descripción similar - ST12S010VBA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Japan Aviation Electron...
ST9S008V4A JAE-ST9S008V4A Datasheet
181Kb / 4P
   microSDTM Memory Card Connector
ST1-G-T JAE-ST1-G-T Datasheet
291Kb / 4P
   microSDTM Small Memory Card Connector
ST10 JAE-ST10 Datasheet
377Kb / 4P
   microSDTM Small Memory Card Connector
logo
ALPS ELECTRIC CO.,LTD.
SCHG ALPS-SCHG Datasheet
374Kb / 3P
   Combine Type Connector (for SIM Card 8pins, microSDTM Card)
logo
Molex Electronics Ltd.
47457-8001 MOLEX-47457-8001 Datasheet
129Kb / 2P
   miniSD Memory Card Connector
logo
Japan Aviation Electron...
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
   microSD Memory Card Connector
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
   Connector for SD Memory Card
SCDB ALPS-SCDB Datasheet
136Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
SCDE ALPS-SCDE Datasheet
167Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
logo
Transcend Information. ...
TS128MSDM TRANSCEND-TS128MSDM Datasheet
197Kb / 6P
   numiniSD Memory Card
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com