Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA2903YFV-CE2 Datasheet(PDF) 11 Page - Rohm

No. de pieza BA2903YFV-CE2
Descripción Electrónicos  Automotive Ground Sense Comparators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA2903YFV-CE2 Datasheet(HTML) 11 Page - Rohm

Back Button BA2903YFV-CE2 Datasheet HTML 7Page - Rohm BA2903YFV-CE2 Datasheet HTML 8Page - Rohm BA2903YFV-CE2 Datasheet HTML 9Page - Rohm BA2903YFV-CE2 Datasheet HTML 10Page - Rohm BA2903YFV-CE2 Datasheet HTML 11Page - Rohm BA2903YFV-CE2 Datasheet HTML 12Page - Rohm BA2903YFV-CE2 Datasheet HTML 13Page - Rohm BA2903YFV-CE2 Datasheet HTML 14Page - Rohm BA2903YFV-CE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200120-1-2
TSZ22111・15・001
11/30
29.Sep.2015 Rev.005
BA2903Yxxx-C, BA2901Yxx-C
Datasheet
●Typical Performance Curves -Continued
○BA2903Yxxx-C
(*)The data above is measurement value of typical sample, it is not guaranteed.
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
0
2
4
6
8
10
0
20
40
60
80
100
OVER DRIVE VOLTAGE [mV]
Figure 22.
Response Time (Low to High)
– Ambient Temperature
(VCC=5V, VRL=5V,
RL=5.1kΩ)
Figure 23.
Response Time (High to Low)
– Over Drive Voltage
(VCC=5V, VRL=5V,
RL=5.1kΩ)
Figure 24.
Response Time (High to Low)
– Ambient Temperature
(VCC=5V, VRL=5V,
RL=5.1kΩ)
5mV
overdrive
20mV
overdrive
100mV
overdrive
-40℃
25℃
125℃
5mV
overdrive
20mV
overdrive
100mV
overdrive


Número de pieza similar - BA2903YFV-CE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA2903YFV-CE2 ROHM-BA2903YFV-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-CE2 ROHM-BA2903YFV-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Descripción similar - BA2903YFV-CE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com