Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2903PT Datasheet(PDF) 10 Page - Rohm

No. de pieza LM2903PT
Descripción Electrónicos  SIGNATURE SERIES Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LM2903PT Datasheet(HTML) 10 Page - Rohm

Back Button LM2903PT Datasheet HTML 6Page - Rohm LM2903PT Datasheet HTML 7Page - Rohm LM2903PT Datasheet HTML 8Page - Rohm LM2903PT Datasheet HTML 9Page - Rohm LM2903PT Datasheet HTML 10Page - Rohm LM2903PT Datasheet HTML 11Page - Rohm LM2903PT Datasheet HTML 12Page - Rohm LM2903PT Datasheet HTML 13Page - Rohm LM2903PT Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
10/34
6.July.2015 Rev.001
TSZ22111・15・001
LM393xxx
LM2903xx
LM339xx
LM2901xx
Typical Performance Curves - continued
LM393xxx/LM2903xx
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
LM393:-40°C to +85°C LM2903:-40°C to +125°C
Figure 9. Input Offset Voltage vs Supply Voltage
Figure 6. Output Saturation Voltage vs
Ambient Temperature ( ISINK=4mA)
Figure 7. Output Saturation Voltage vs
Output Sink Current (Vcc
+=5V)
Figure 8. Output Sink Current vs
Ambient Temperature (VO=1.5V)
0
50
100
150
200
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [°C]
36V
5V
2V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
1012 14 161820
Output Sink Current [mA]
-40°C
25°C
125°C
85°C
0
10
20
30
40
-50 -25
0
25
50
75
100 125 150
Ambient
Temperature [°C]
36V
5V
2V
-8
-6
-4
-2
0
2
4
6
8
010
20
30
40
Supply Voltage [V]
-40°C
25°C
125°C
85°C


Número de pieza similar - LM2903PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LM2903PT STMICROELECTRONICS-LM2903PT Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Rohm
LM2903PT ROHM-LM2903PT Datasheet
297Kb / 6P
   SILICON MONNOLITHIC INTEGRATED CIRCUIT
logo
STMicroelectronics
LM2903PT STMICROELECTRONICS-LM2903PT Datasheet
264Kb / 14P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Rohm
LM2903PT ROHM-LM2903PT Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM2903PT STMICROELECTRONICS-LM2903PT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
More results

Descripción similar - LM2903PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
   Secure Signature Generation Chip
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com