Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD-016M001L Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza LCD-016M001L
Descripción Electrónicos  16 x 1 Character LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016M001L Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-016M001L Datasheet HTML 1Page - Vishay Siliconix LCD-016M001L Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 37263
Revision 01-Oct-02
www.vishay.com
28
LCD-016M001L
Vishay
For Technical Questions, Contact: Displays@Vishay.com
PIN NUMBER
SYMBOL
FUNCTION
1
Vss
GND
2
Vdd
+ 5V
3
Vo
Contrast Adjustment
4
RS
H/L Register Select Signal
5
R/W
H/L Read/Write Signal
6E
H
→L Enable Signal
7
DB0
H/L Data Bus Line
8
DB1
H/L Data Bus Line
9
DB2
H/L Data Bus Line
10
DB3
H/L Data Bus Line
11
DB4
H/L Data Bus Line
12
DB5
H/L Data Bus Line
13
DB6
H/L Data Bus Line
14
DB7
H/L Data Bus Line
15
A/Vee
+ 4.2V for LED (RA = 0)/Negative Voltage Output
16
K
Power Supply for B/L (0V)
16 x 1 Character LCD
DIMENSIONS in millimeters
DOT SIZE
S = 3 : 1
0.98
0.92
6.0
4.84
EL or NO B/L
1.6
1.6
LED B/L
13.5
8.9
9.8
5.2
A
K
4- 3.5
4- 1.0
14- 1.0
14
94.84
99.0 (VA)
105.9
115.0
122.0 0.5
15.98
P2.54*13=33.02
1.8
13.58
11.5
8.05
3.5
1
+


Número de pieza similar - LCD-016M001L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-016M001L VISHAY-LCD-016M001L Datasheet
110Kb / 3P
   16 x 1 Character LCD
Revision 01-Oct-02
LCD-016M001L VISHAY-LCD-016M001L_08 Datasheet
110Kb / 3P
   16 x 1 Character LCD
Revision 01-Oct-02
More results

Descripción similar - LCD-016M001L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-016N001A-TFH-ET VISHAY-LCD-016N001A-TFH-ET Datasheet
438Kb / 27P
   16 x 1 Character LCD
01-Jan-2022
LCD-016N001A-TMI-ET VISHAY-LCD-016N001A-TMI-ET Datasheet
382Kb / 26P
   16 x 1 Character LCD
01-Jan-2022
LCD-016N001B-NGG-ET VISHAY-LCD-016N001B-NGG-ET Datasheet
444Kb / 26P
   16 x 1 Character LCD
01-Jan-2022
LCD016N001BNGGET VISHAY-LCD016N001BNGGET Datasheet
444Kb / 26P
   16 x 1 Character LCD
01-Jan-2023
LCD-016M001A VISHAY-LCD-016M001A_08 Datasheet
113Kb / 3P
   16 x 1 Character LCD
Revision 01-Oct-02
LCD-016N001L-NFG-ET VISHAY-LCD-016N001L-NFG-ET Datasheet
583Kb / 26P
   16 x 1 Character LCD
01-Jan-2022
LCD-016N001L-TMI-ET VISHAY-LCD-016N001L-TMI-ET Datasheet
595Kb / 27P
   16 x 1 Character LCD
01-Jan-2022
LCD-016N001L VISHAY-LCD-016N001L Datasheet
73Kb / 3P
   16 x 1 Character LCD
01-Jan-2022
LCD016N001ANGGET VISHAY-LCD016N001ANGGET Datasheet
377Kb / 26P
   16 x 1 Character LCD
01-Jan-2023
LCD016N001ATMIET VISHAY-LCD016N001ATMIET Datasheet
383Kb / 26P
   16 x 1 Character LCD
01-Jan-2023
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com