Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL494 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza TL494
Descripción Electrónicos  Modulation Control Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494 Datasheet(HTML) 3 Page - ON Semiconductor

  TL494_10 Datasheet HTML 1Page - ON Semiconductor TL494_10 Datasheet HTML 2Page - ON Semiconductor TL494_10 Datasheet HTML 3Page - ON Semiconductor TL494_10 Datasheet HTML 4Page - ON Semiconductor TL494_10 Datasheet HTML 5Page - ON Semiconductor TL494_10 Datasheet HTML 6Page - ON Semiconductor TL494_10 Datasheet HTML 7Page - ON Semiconductor TL494_10 Datasheet HTML 8Page - ON Semiconductor TL494_10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL494, NCV494
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, CT = 0.01 mF, RT = 12 kW, unless otherwise noted.)
For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.
Characteristics
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Offset Voltage (VO (Pin 3) = 2.5 V)
VIO
2.0
10
mV
Input Offset Current (VO (Pin 3) = 2.5 V)
IIO
5.0
250
nA
Input Bias Current (VO (Pin 3) = 2.5 V)
IIB
−0.1
−1.0
mA
Input Common Mode Voltage Range (VCC = 40 V, TA = 25°C)
VICR
−0.3 to VCC−2.0
V
Open Loop Voltage Gain (
DVO = 3.0 V, VO = 0.5 V to 3.5 V, RL = 2.0 kW)
AVOL
70
95
dB
Unity−Gain Crossover Frequency (VO = 0.5 V to 3.5 V, RL = 2.0 kW)
fC−
350
kHz
Phase Margin at Unity−Gain (VO = 0.5 V to 3.5 V, RL = 2.0 kW)
fm
65
deg.
Common Mode Rejection Ratio (VCC = 40 V)
CMRR
65
90
dB
Power Supply Rejection Ratio (
DVCC = 33 V, VO = 2.5 V, RL = 2.0 kW)
PSRR
100
dB
Output Sink Current (VO (Pin 3) = 0.7 V)
IO−
0.3
0.7
mA
Output Source Current (VO (Pin 3) = 3.5 V)
IO+
2.0
−4.0
mA
PWM COMPARATOR SECTION (Test Circuit Figure 11)
Input Threshold Voltage (Zero Duty Cycle)
VTH
2.5
4.5
V
Input Sink Current (V(Pin 3) = 0.7 V)
II−
0.3
0.7
mA
DEADTIME CONTROL SECTION (Test Circuit Figure 11)
Input Bias Current (Pin 4) (VPin 4 = 0 V to 5.25 V)
IIB (DT)
−2.0
−10
mA
Maximum Duty Cycle, Each Output, Push−Pull Mode
(VPin 4 = 0 V, CT = 0.01 mF, RT = 12 kW)
(VPin 4 = 0 V, CT = 0.001 mF, RT = 30 kW)
DCmax
45
48
45
50
50
%
Input Threshold Voltage (Pin 4)
(Zero Duty Cycle)
(Maximum Duty Cycle)
Vth
0
2.8
3.3
V
OSCILLATOR SECTION
Frequency (CT = 0.001 mF, RT = 30 kW)
fosc
40
kHz
Standard Deviation of Frequency* (CT = 0.001 mF, RT = 30 kW)
sfosc
3.0
%
Frequency Change with Voltage (VCC = 7.0 V to 40 V, TA = 25°C)
Dfosc (DV)
0.1
%
Frequency Change with Temperature (
DTA = Tlow to Thigh)
(CT = 0.01 mF, RT = 12 kW)
Dfosc (DT)
12
%
UNDERVOLTAGE LOCKOUT SECTION
Turn−On Threshold (VCC increasing, Iref = 1.0 mA)
Vth
5.5
6.43
7.0
V
TOTAL DEVICE
Standby Supply Current (Pin 6 at Vref, All other inputs and outputs open)
(VCC = 15 V)
(VCC = 40 V)
ICC
5.5
7.0
10
15
mA
Average Supply Current
(CT = 0.01 mF, RT = 12 kW, V(Pin 4) = 2.0 V)
(VCC = 15 V) (See Figure 12)
7.0
mA
* Standard deviation is a measure of the statistical distribution about the mean as derived from the formula,
s
N
n = 1
S (Xn − X)2
N − 1


Número de pieza similar - TL494_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494_101 TI-TL494_101 Datasheet
614Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Descripción similar - TL494_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5002CDRG4 TI1-TL5002CDRG4 Datasheet
463Kb / 18P
[Old version datasheet]   PULSE-SIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com