Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP016FA Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10EP016FA
Descripción Electrónicos  3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP016FA Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP016FA Datasheet HTML 1Page - ON Semiconductor MC10EP016FA Datasheet HTML 2Page - ON Semiconductor MC10EP016FA Datasheet HTML 3Page - ON Semiconductor MC10EP016FA Datasheet HTML 4Page - ON Semiconductor MC10EP016FA Datasheet HTML 5Page - ON Semiconductor MC10EP016FA Datasheet HTML 6Page - ON Semiconductor MC10EP016FA Datasheet HTML 7Page - ON Semiconductor MC10EP016FA Datasheet HTML 8Page - ON Semiconductor MC10EP016FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC10EP016, MC100EP016
http://onsemi.com
2
VEE
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1234
5678
24
23
22
21
20
19
18
17
16
MC10EP016
MC100EP016
COUT
COUT
TC
VCC
P7
P6
P5
VCC
Q2
Q1
Q0
VEE
MR
CE
PE
VCC
TCLD
Q7
Q6
Q5
Q4
VCC
P4
P3
P2
P1
P0
CLK
VBB CLK
Figure 1. 32–Lead LQFP Pinout (Top View)
Q3
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
PIN DESCRIPTION
PIN
P0–P7*
Q0–Q7
ECL Data Outputs
FUNCTION
ECL Parallel Data (Preset) Inputs
CE*
PE*
ECL Parallel Load Enable Control Input
ECL Count Enable Control Input
MR*
CLK*, CLK*
ECL Differential Clock
ECL Master Reset
TC
TCLD*
ECL TC–Load Control Input
ECL Terminal Count Output
COUT, COUT
VCC
Positive Supply
ECL Differential Output
VEE
VBB
Reference Voltage Output
Negative Supply
* Pins will default LOW when left open.
ZZ = Clock Pulse (High–to–Low)
Z = Clock Pulse (Low–to–High)
CE
FUNCTION
X
L
L
H
X
X
Load Parallel (Pn to Qn)
Continuous Count
Count; Load Parallel on TC = LOW
Hold
Masters Respond, Slaves Hold
Reset (Qn : = LOW, TC : = HIGH)
FUNCTION TABLES
PE
L
H
H
H
X
X
TCLD
X
L
H
X
X
X
MR
L
L
L
L
L
H
CLK
Z
Z
Z
Z
ZZ
X
FUNCTION TABLE
Function
PE
CE
MR
TCLD
CLK
P7–P4
P3
P2
P1
P0
Q7–Q4
Q3
Q2
Q1
Q0
TC
COUT
COUT
Load Count
L
H
H
H
H
X
L
L
L
L
L
L
L
L
L
X
L
L
L
L
Z
Z
Z
Z
Z
H
X
X
X
X
H
X
X
X
X
H
X
X
X
X
L
X
X
X
X
L
X
X
X
X
H
H
H
H
L
H
H
H
H
L
H
H
H
H
L
L
L
H
H
L
L
H
L
H
L
H
H
H
L
H
H
H
H
L
H
L
L
L
H
L
Load Hold
L
H
H
X
H
H
L
L
L
X
X
X
Z
Z
Z
H
X
X
H
X
X
H
X
X
L
X
X
L
X
X
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
L
L
L
Load on
Terminal
Count
H
H
H
H
H
H
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
H
H
H
Z
Z
Z
Z
Z
Z
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
L
L
H
H
H
H
H
H
L
L
H
H
H
H
L
H
L
H
L
H
L
H
H
L
H
H
H
H
H
L
H
H
H
L
L
H
L
L
L
Reset
X
X
H
X
X
X
X
X
X
X
L
L
L
L
L
H
H
L


Número de pieza similar - MC10EP016FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016FAG ONSEMI-MC10EP016FAG Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAG ONSEMI-MC10EP016FAG Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com