Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7660SEOA Datasheet(PDF) 8 Page - Microchip Technology

No. de pieza TC7660SEOA
Descripción Electrónicos  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SEOA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7660SEOA Datasheet HTML 4Page - Microchip Technology TC7660SEOA Datasheet HTML 5Page - Microchip Technology TC7660SEOA Datasheet HTML 6Page - Microchip Technology TC7660SEOA Datasheet HTML 7Page - Microchip Technology TC7660SEOA Datasheet HTML 8Page - Microchip Technology TC7660SEOA Datasheet HTML 9Page - Microchip Technology TC7660SEOA Datasheet HTML 10Page - Microchip Technology TC7660SEOA Datasheet HTML 11Page - Microchip Technology TC7660SEOA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TC7660S
DS20001467C-page 8
 2001-2015 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
4.1
Theory of Operation
The TC7660S contains all the necessary circuitry to
implement a voltage inverter, with the exception of two
external capacitors, which may be inexpensive 10 µF
polarized electrolytic capacitors. Operation is best
understood by considering Figure 4-2, which shows an
idealized voltage inverter. Capacitor C1 is charged to a
voltage V+ for the half cycle when switches S1 and S3
are closed. (Note that switches S2 and S4 are open
during this half cycle.) During the second half cycle of
operation, switches S2 and S4 are closed, with S1 and
S3 open, thereby shifting capacitor C1 negatively by V+
volts. Charge is then transferred from C1 negatively by
V+ volts. Charge is then transferred from C1 to C2, such
that the voltage on C2 is exactly V+ assuming ideal
switches and no load on C2.
The four switches in Figure 4-2 are MOS power
switches; S1 is a P-channel device, and S2, S3 and S4
are N-channel devices. The main difficulty with this
approach is that in integrating the switches, the sub-
strates
of
S3 and S4 must always remain
reverse-biased with respect to their sources, but not so
much as to degrade their ON resistances. In addition,
at circuit start-up, and under output short circuit condi-
tions (VOUT = V+), the output voltage must be sensed
and the substrate bias adjusted accordingly. Failure to
accomplish this will result in high power losses and
probable device latch-up.
This problem is eliminated in the TC7660S by a logic
network which senses the output voltage (VOUT)
together with the level translators, and switches the
substrates of S3 and S4 to the correct level to maintain
necessary reverse bias.
FIGURE 4-1:
TC7660S Test Circuit.
The voltage regulator portion of the TC7660S is an
integral part of the anti-latch-up circuitry. Its inherent
voltage drop can, however, degrade operation at low
voltages.
FIGURE 4-2:
Ideal Charge Pump Inverter.
To improve low-voltage operation, the “LV” pin should
be connected to GND, disabling the regulator. For
supply voltages greater than 3.5V, the LV terminal must
be left open to ensure latch-up-proof operation and
prevent device damage.
4.2
Theoretical Power Efficiency
Considerations
In theory, a capacitive charge pump can approach
100% efficiency if certain conditions are met:
(1) The drive circuitry consumes minimal power.
(2) The output switches have extremely low ON
resistance and virtually no offset.
(3) The impedances of the pump and reservoir
capacitors are negligible at the pump frequency.
The TC7660S approaches these conditions for nega-
tive voltage multiplication if large values of C1 and C2
are used. Energy is lost only in the transfer of charge
between capacitors if a change in voltage occurs. The
energy lost is defined by:
E = 1/2 C1 (V12 – V22)
V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are rel-
atively high at the pump frequency (refer to Figure 4-2)
compared to the value of RL, there will be a substantial
difference in voltages V1 and V2. Therefore, it is desir-
able not only to make C2 as large as possible to
eliminate output voltage ripple, but also to employ a
correspondingly large value for C1 in order to achieve
maximum efficiency of operation.
4.3
Dos and Don'ts
• Do not exceed maximum supply voltages.
• Do not connect the LV terminal to GND for supply
voltages greater than 3.5V.
• Do not short circuit the output to V+ supply for
voltages above 5.5V for extended periods; how-
ever, transient conditions including start-up are
okay.
• When using polarized capacitors in the inverting
mode, the + terminal of C1 must be connected to
pin 2 of the TC7660S and the + terminal of C2
must be connected to GND.
1
2
3
4
8
7
6
5
TC7660S
+
V+
(+5V)
VOUT
C1
10 µF
COSC
+
C2
10 µF
IL
RL
IS
V+
Note:
For large values of COSC (>1000 pF), the
values of C1 and C2 should be increased to
100F.
V+
GND S
3
S1
S2
S4
C2
VOUT = -VIN
C1
+
+


Número de pieza similar - TC7660SEOA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC7660SEOA TELCOM-TC7660SEOA Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660SEOA MICROCHIP-TC7660SEOA Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660SEOA MICROCHIP-TC7660SEOA Datasheet
98Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
TC7660SEOA713 MICROCHIP-TC7660SEOA713 Datasheet
98Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
More results

Descripción similar - TC7660SEOA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660SEOA713 MICROCHIP-TC7660SEOA713 Datasheet
98Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com