Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H643FNG Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10H643FNG
Descripción Electrónicos  Dual Supply ECL to TTL 1:8 Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H643FNG Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H643FNG Datasheet HTML 1Page - ON Semiconductor MC10H643FNG Datasheet HTML 2Page - ON Semiconductor MC10H643FNG Datasheet HTML 3Page - ON Semiconductor MC10H643FNG Datasheet HTML 4Page - ON Semiconductor MC10H643FNG Datasheet HTML 5Page - ON Semiconductor MC10H643FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H643
www.onsemi.com
2
1
IVT2
IGND2
VCCE
VCCE
LEN
VBB
D
Q3
OGND2-
Q2
OVT1
Q1
OGND1
Q0
56
7
8
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
Figure 1. Pinout: PLCC−28
(Top View)
OGND
OVT
IGND
IVT
VEE
VCCE
D, D
VBB
Q0 − Q7
EN
LEN
TTL Output Ground (0V)
TTL Output VCC (+5.0V)
Internal TTL GND (0V)
Internal TTL VCC (+5.0V)
ECL VEE (−5.2/−4.5V)
ECL Ground (0V)
Signal Input (ECL)
VBB Reference Output
Signal Outputs (TTL)
Enable Input (ECL)
Latch Enable Input (ECL)
PIN
FUNCTION
Table 1. PIN DESCRIPTION
TTL OUTPUTS
Figure 2. Logic Diagram
ECL INPUT
D
D
VBB
LEN
EN
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D
Q
Table 2. TRUTH TABLE
D
LEN
EN
Q
L
H
X
X
L
L
H
X
L
L
L
H
L
H
QO
L


Número de pieza similar - MC10H643FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H643FNG ONSEMI-MC10H643FNG Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
More results

Descripción similar - MC10H643FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643 Datasheet
106Kb / 5P
   DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
1996 REV 3
logo
Micrel Semiconductor
SY100HA643 MICREL-SY100HA643_06 Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
SY100HA643 MICREL-SY100HA643 Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
logo
Integrated Device Techn...
MK74CB218 IDT-MK74CB218 Datasheet
161Kb / 7P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB218 ICST-MK74CB218 Datasheet
77Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218B IDT-MK74CB218B Datasheet
143Kb / 8P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB217 ICST-MK74CB217 Datasheet
76Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com