Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EL13DWR2G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC100EL13DWR2G
Descripción Electrónicos  5V ECL Dual 1:3 Fanout Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL13DWR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EL13DWR2G Datasheet HTML 1Page - ON Semiconductor MC100EL13DWR2G Datasheet HTML 2Page - ON Semiconductor MC100EL13DWR2G Datasheet HTML 3Page - ON Semiconductor MC100EL13DWR2G Datasheet HTML 4Page - ON Semiconductor MC100EL13DWR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC100EL13
www.onsemi.com
3
Table 4. 100EL SERIES PECL DC CHARACTERISTICS (VCC = 5.0 V; VEE = 0.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
30
38
30
38
32
40
mA
VOH
Output HIGH Voltage (Note 2)
3915
3995
4120
3975
4045
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 2)
3170
3305
3445
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage (Single-Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single-Ended)
3190
3525
3190
3525
3190
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR
Common Mode Range
(Differential Configuration) (Note 3)
VPP < 500 mV
VPP ≥ 500 mV
1.3
1.5
4.6
4.6
1.2
1.4
4.6
4.6
1.2
1.4
4.6
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 5. 100EL SERIES NECL DC CHARACTERISTICS (VCC = 0.0 V; VEE = −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
30
38
30
38
32
40
mA
VOH
Output HIGH Voltage (Note 2)
−1085 −1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620
mV
VIH
Input HIGH Voltage (Single-Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single-Ended)
−1810
−1475 −1810
−1475 −1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR Common Mode Range
(Differential Configuration) (Note 3)
VPP < 500 mV
VPP ≥ 500 mV
−3.7
−3.5
−0.4
−0.4
−3.8
−3.6
−0.4
−0.4
−3.8
−3.6
−0.4
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Número de pieza similar - MC100EL13DWR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EL13DWR2G ONSEMI-MC100EL13DWR2G Datasheet
116Kb / 6P
   5V ECL Dual 1:3 Fanout Buffer
October, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com