Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EPT23 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC100EPT23
Descripción Electrónicos  3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT23 Datasheet(HTML) 8 Page - ON Semiconductor

  MC100EPT23_16 Datasheet HTML 1Page - ON Semiconductor MC100EPT23_16 Datasheet HTML 2Page - ON Semiconductor MC100EPT23_16 Datasheet HTML 3Page - ON Semiconductor MC100EPT23_16 Datasheet HTML 4Page - ON Semiconductor MC100EPT23_16 Datasheet HTML 5Page - ON Semiconductor MC100EPT23_16 Datasheet HTML 6Page - ON Semiconductor MC100EPT23_16 Datasheet HTML 7Page - ON Semiconductor MC100EPT23_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC100EPT23
www.onsemi.com
8
PACKAGE DIMENSIONS
DFN−8 2x2, 0.5P
CASE 506AA
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.20 MM FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2X
REFERENCE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
(A3)
D2
E2
C
C
0.10
C
0.10
C
0.08
NOTE 4
A1
SEATING
PLANE
e/2
e
8X
K
NOTE 3
b
8X
0.10
C
0.05
C
A B
B
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
2.00 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.70
0.90
e
0.50 BSC
K
L
0.25
0.35
1
4
8
5
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.30
0.50
0.50
8X
DIMENSIONS: MILLIMETERS
0.30
PITCH
8X
1
PACKAGE
OUTLINE
RECOMMENDED
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
DETAIL A
L1
−−−
0.10
0.30 REF
0.90
1.30
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
A1
A3
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC100EPT23/D
ECLinPS is a registered trademark of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Número de pieza similar - MC100EPT23_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EPT23D ONSEMI-MC100EPT23D Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
MC100EPT23D ONSEMI-MC100EPT23D Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23D ONSEMI-MC100EPT23D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EPT23DG ONSEMI-MC100EPT23DG Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
MC100EPT23DG ONSEMI-MC100EPT23DG Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
More results

Descripción similar - MC100EPT23_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100LVELT23 ONSEMI-MC100LVELT23_16 Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
MC100LVELT23 ONSEMI-MC100LVELT23_06 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23 ONSEMI-MC100LVELT23 Datasheet
66Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 12
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com