Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EPT25DTR2G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC100EPT25DTR2G
Descripción Electrónicos  -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT25DTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EPT25DTR2G Datasheet HTML 1Page - ON Semiconductor MC100EPT25DTR2G Datasheet HTML 2Page - ON Semiconductor MC100EPT25DTR2G Datasheet HTML 3Page - ON Semiconductor MC100EPT25DTR2G Datasheet HTML 4Page - ON Semiconductor MC100EPT25DTR2G Datasheet HTML 5Page - ON Semiconductor MC100EPT25DTR2G Datasheet HTML 6Page - ON Semiconductor MC100EPT25DTR2G Datasheet HTML 7Page - ON Semiconductor MC100EPT25DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 17
1
Publication Order Number:
MC100EPT25/D
MC100EPT25
-3.3V / -5V Differential
ECL to +3.3V LVTTL
Translator
Description
The MC100EPT25 is a Differential ECL to LVTTL translator. This
device requires +3.3 V, −3.3 V to −5.2 V, and ground. The small
outline 8-lead package and the single gate of the EPT25 make it ideal
for applications which require the translation of a clock or data signal.
The VBB output allows the EPT25 to also be used in a single-ended
input mode. In this mode the VBB output is tied to the D input for
a inverting buffer or the D input for a non-inverting buffer. If used, the
VBB pin should be bypassed to ground with at least a 0.01 mF
capacitor.
Features
1.1 ns Typical Propagation Delay
Maximum Frequency > 275 MHz Typical
Operating Range:
VCC = 3.0 V to 3.6 V; VEE = −5.5 V to −3.0 V; GND = 0 V
24 mA TTL Outputs
Q Output Will Default LOW with Inputs Open or at VEE
VBB Output
Open Input Default State
Safety Clamp on Inputs
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb-Free Package
ALYWG
G
KA25
1
8
www.onsemi.com
KPT25
ALYW
G
1
8
14
(Note: Microdot may be in either location)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC100EPT25DG
SOIC−8NB
(Pb-Free)
98 Units/Tube
MC100EPT25DR2G
SOIC−8NB
(Pb-Free)
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100EPT25DTR2G
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100EPT25DTG
100 Units/Tube
DFN−8
(Pb-Free)
MC100EPT25MNR4G
1000/Tape & Reel
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
SOIC−8NB
D SUFFIX
CASE
751−07
TSSOP−8
DT SUFFIX
CASE
948R−02
1
8
1
8
DFN−8
MN SUFFIX
CASE 506AA


Número de pieza similar - MC100EPT25DTR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EPT25DTR2G ONSEMI-MC100EPT25DTR2G Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com