Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVE310FNR2G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC100LVE310FNR2G
Descripción Electrónicos  3.3 V ECL 2:8 Differential Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE310FNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC100LVE310FNR2G Datasheet HTML 1Page - ON Semiconductor MC100LVE310FNR2G Datasheet HTML 2Page - ON Semiconductor MC100LVE310FNR2G Datasheet HTML 3Page - ON Semiconductor MC100LVE310FNR2G Datasheet HTML 4Page - ON Semiconductor MC100LVE310FNR2G Datasheet HTML 5Page - ON Semiconductor MC100LVE310FNR2G Datasheet HTML 6Page - ON Semiconductor MC100LVE310FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC100LVE310
www.onsemi.com
3
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8 to 0
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8 to 0
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6 to 0
−6 to 0
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source
±0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
PLCC−28
PLCC−28
63.5
43.5
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
PLCC−28
22 to 26 ±5%
°C/W
Tsol
Wave Solder (Pb-Free)
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 5. LVPECL DC CHARACTERISTICS (VCC = 3.3 V, VEE = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
55
60
55
60
65
70
mA
VOH
Output HIGH Voltage (Note 2)
2215
2295
2420
2275
2345
2420
2275
2345
2420
mV
VOL
Output LOW Voltage (Note 2)
1470
1605
1745
1490
1595
1680
1490
1595
1680
mV
VIH
Input HIGH Voltage (Single-Ended)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage (Single-Ended)
1490
1825
1490
1825
1490
1825
mV
VBB
Output Voltage Reference
1.92
2.04
1.92
2.04
1.92
2.04
V
VIHCMR Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 3)
1.8
2.9
1.8
2.9
1.8
2.9
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary ± 0.3 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. VIHCMR is defined as the range within which the VIH level may vary, with the device
still meeting the propagation delay specification. The VIL level must be such that the peak to peak voltage is less than 1.0 V and greater than
or equal to VPP(min).


Número de pieza similar - MC100LVE310FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVE310FNR2G ONSEMI-MC100LVE310FNR2G Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
More results

Descripción similar - MC100LVE310FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100E310 ONSEMI-MC100E310_16 Datasheet
161Kb / 8P
   5 V ECL Low Voltage 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com