Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB140L Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

No. de pieza SB140L
Descripción Electrónicos  1.0AMP. SCHOTTKY BARRIER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Página de inicio  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SB140L Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SB140L Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SR120L/SB120L THRU SR160L/SB160L
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed 260°C /10sec/
0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per MIL-STD
202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-41
.787(20.0)
M IN.
.205(5.2)
.166(4.2)
.787(20.0)
M IN.
.107(2.7)
.080(2.0)
DIA.
+
-
.032(0.8)
.025(0.65)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
SR120L
SB120L
SR140L
SB140L
SR160L
SB160L
units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
V
Maximum RMS Voltage
VRMS
14
28
42
V
Maximum DC blocking Voltage
VDC
20
40
60
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TL =90°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC method)
IFSM
30.0
A
Maximum Forward Voltage at 1.0A DC
VF
0.38
0.43
0.53
V
Maximum DC Reverse Current at
rated DC blocking voltage
@TA=25°C
@TA =100°C
IR
0.5
50.0
mA
Typical Junction Capacitance (Note 1)
CJ
110
pF
Typical Thermal Resistance (Note 2)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


Número de pieza similar - SB140L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB140L PANJIT-SB140L Datasheet
61Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
logo
DIYI Electronic Technol...
SB140L DYELEC-SB140L Datasheet
633Kb / 2P
   1.0 AMP. L O W V F Schottky Barrier Rectifiers
logo
Unisonic Technologies
SB140L-SMA-R UTC-SB140L-SMA-R Datasheet
129Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB140L-Z41-B UTC-SB140L-Z41-B Datasheet
129Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB140L-Z41-R UTC-SB140L-Z41-R Datasheet
129Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SB140L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WILLAS ELECTRONIC CORP
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
SR120-DO41 YFWDIODE-SR120-DO41 Datasheet
273Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817S CHONGQING-1N5817S Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR120 PACELEADER-SR120 Datasheet
439Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817 CHONGQING-1N5817_16 Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
SS12L CHONGQING-SS12L Datasheet
200Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com