Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD1-D Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

No. de pieza TD1-D
Descripción Electrónicos  NH bases
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COOPER [Cooper Bussmann, Inc.]
Página de inicio  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TD1-D Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  TD1-D Datasheet HTML 1Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 2Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 3Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 4Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 5Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 6Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 7Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Technical Data 10163
Effective March 2015
Bussmann series
NH bases
EATON www.eaton.com
Phase barrier kit
Size
Current
(Amps)
Catalogue
numbers
Pack
quantity
Description
NH00
160
SD00-PB
1
2-Phase barriers
NH1
250
SD12-PB
1
2-Phase barriers and 2 ganging links
NH2
400
SD12-PB
1
NH3
630
SD3-PB
1
Phase barrier
Ganging link
IP Protection Kits
Size
Current
(Amps)
Catalogue
numbers
Fuse cover
Shroud
Phase
barrier
Ganging
link
Integral kit
Description
NH00
160
TD00-IP20
3
6
2
Triple pole protection kit for TD00-D with shrouds, fuse
covers and phase barriers
TD00-IP20I
1
Integral triple pole protection kit for TD00-DI with molded
shrouds and phase barriers
TD00-IP20IC 3
1
Integral triple pole protection kit for TD00-DI with fuse
covers and molded shrouds and phase barriers
NH1
250
TD1-IP20
3
6
2
2
Triple pole protection kit with terminal shrouds, fuse cover
phase barriers and ganging links
NH2
400
TD2-IP20
NH3
630
TD3-IP20
TD00-IP20
TD00-IP20I
TD00-IP20IC
TD(size 1 to 3)-IP20
Microswitch
Catalogue numbers Pack quantity
Ratings
BVL50
1
6 A 250 V a.c.
170H0236
12
2 A 250 V a.c.
170H0238
12
2A 250 V a.c.
Microswitch suitable for the following NH fuse links:
400 Volts gG/gL
500 Volts gG/gL and aM
690 Volts gG/gL and aM.
Note: Microswitches fit onto the fuse gripping lugs and are applicable to all NH size Bussmann fuses.
BVL50
170H0236
Accessories


Número de pieza similar - TD1-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
Tumbler Technologies + ...
TD1-5D0505 TRUMPOWER-TD1-5D0505 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 5V Input, 5-6 Watts
TD1-5D0505 TRUMPOWER-TD1-5D0505 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
More results

Descripción similar - TD1-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
   Sounder Bases
logo
Molex Electronics Ltd.
1210120013 MOLEX-1210120013 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
1210120047 MOLEX-1210120047 Datasheet
158Kb / 2P
   B22 SERIES BASES
2006/04/15
1210120095 MOLEX-1210120095 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006.04.15
1210120009 MOLEX-1210120009 Datasheet
89Kb / 1P
   B15 SERIES BASES
2006/04/15
1210120099 MOLEX-1210120099 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130199 MOLEX-1210130199 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130233 MOLEX-1210130233 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210120168 MOLEX-1210120168 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com