Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9150CY Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI9150CY
Descripción Electrónicos  Synchronous Buck Converter Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9150CY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9150CY Datasheet HTML 1Page - Vishay Siliconix SI9150CY Datasheet HTML 2Page - Vishay Siliconix SI9150CY Datasheet HTML 3Page - Vishay Siliconix SI9150CY Datasheet HTML 4Page - Vishay Siliconix SI9150CY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EN
VDD
STANDBY
SOIC
P-GATE
SS
N-GATE
COMP
GND
FB
VREF
ISENSE
RT
CT
SYNC
Top View
11
12
13
14
2
3
4
1
8
9
10
5
6
7
Si9150
Vishay Siliconix
www.vishay.com
4
Document Number: 70020
S-40752—Rev. F, 19-Apr-04
PIN CONFIGURATION AND ORDERING INFORMATION
ORDERING INFORMATION
Part Number
Temperature Range
Package
Si9150CY
Si9150CY-T1
0 to 70_C
Si9150CY-T1—E3
SOIC-14
Si9150DY
SOIC-14
Si9150DY-T1
−40 to 85_C
Si9150DY-T1—E3
40 to 85 C
PIN DESCRIPTION
Pin 1: EN
When this pin is low, the IC is shut down. After a low signal is
applied to EN, then COMP, REF, RT, and CT settle toward
ground; N-GATE, STBY and Soft-Start are grounded; and
P-GATE is pulled high. The current consumption is no more
than 100 mA in this state. This input’s threshold has substantial
hysteresis so that a capacitor to GND can be used to delay
restart after the current limit is activated. After VENH is
exceeded, one clock cycle elapses before N-GATE and
P-GATE are enabled. EN is pulled up to VDD through a 500-k
resistor and is pulled down internally when the current limit is
triggered.
Pin 2: STBY
Has a function similar to EN. The differences are that the EN
pin is unaffected, that the reference is still available, that bias
currents are still present internally, and that this pin’s pull up
current is present. This pin should be used to disable an
application if the reference voltage is still needed.
Pin 3: Soft-Start (SS)
This pin limits the maximum voltage that the error amplifier can
output. A capacitor between this pin and ground will limit the
rate at which the duty factor can increase during initial power
up, during a restart when EN or STBY goes high, or after the
current limit is triggered. A capacitor here can prevent an
application from triggering the Si9150’s current limit during
startup. Soft-Start is pulled low if either EN or STBY is low.
Pin 4: Compensation (COMP)
This pin is tied directly to the output of the error amplifier. The
feedback network which insures the stability of an application
uses this pin. COMP settles low when either EN or STBY is
pulled low.
Pin 5: Feedback (FB)
This pin is attached directly to the inverting input of the error
amplifier. This pin is used to regulate the power supply’s output
voltage.
Pin 6: Reference (VREF)
The internal 2.5-V reference generator is attached to this pin
through a 5-W resistor. A 0.1-mF bypass capacitor is needed to
suppress noise. Also note that the generator has an open
emitter; it will not pull down. The maximum current that the
generator will source before it current limits is about 10 mA.
Many parts of the IC use this voltage, so it is important not to
overload the reference generator.
Pin 7: ISENSE
This pin should be attached to the switched node (the drains
of the application’s p-channel and n-channel MOSFETs). If the
voltage between VDD and this pin is more then 0.46 V while the
P-GATE is low, the current limit is activated. The current limit
is relatively slow to prevent false triggering due to noise.
Activating the current limit causes EN to be pulled to GND.
ISENSE may be operated from VDD + 2 V to GND − 2 V. For
operation above 13.5 VDD a filter (1 kW, 33 pF) is needed
between the MOSFET drains and the ISENSE pin; refer to
Figure 1.
Pin 8: SYNC
This pin forces the clock to reset when low, and is also pulled
low when the clock resets itself. Thus if several Si9150’s have
their sync pins shorted together, they will be synchronized; the
shortest duration clock will control the other clocks.


Número de pieza similar - SI9150CY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9100DJ02 VISHAY-SI9100DJ02 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100DJ02-E3 VISHAY-SI9100DJ02-E3 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100DN02 VISHAY-SI9100DN02 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
More results

Descripción similar - SI9150CY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD9611MUV-EVK-001 ROHM-BD9611MUV-EVK-001 Datasheet
1Mb / 11P
   Synchronous Buck Converter Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Linear Technology
LTC1436-PLL LINER-LTC1436-PLL Datasheet
280Kb / 12P
   Synchronous Buck Converter with Versatile Frequency Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com