Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM1882-RCM Datasheet(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM1882-RCM Datasheet(HTML) 9 Page - National Semiconductor (TI) |
9 / 16 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC) −0.5V to +7.0V DC Input Diode Current (I IK) V I = −0.5V −20 mA V I = VCC +0.5V +20 mA DC Input Voltage (V I) −0.5V to V CC +0.5V DC Output Diode Current (I OK) V O = −0.5V −20 mA V O = VCC +0.5V +20 mA DC Output Voltage (V O) −0.5V to V CC +0.5V DC Output Source or Sink Current (I O) ±15 mA DC V CC or Ground Current per Output Pin (I CC or IGND) ±20 mA Storage Temperature (T STG) −65˚C to +150˚C Junction Temperature (T J) Ceramic 175˚C Plastic 140˚C Recommended Operating Conditions Supply Voltage (V CC) 4.5V to 5.5V Input Voltage (V I) 0VtoV CC Output Voltage (V O) 0VtoV CC Operating Temperature (T A) 54ACT −55˚C to +125˚C Minimum Input Edge Rate ( ∆V/∆t) V IN from 0.8V to 2.0V V CC @ 4.5V, 5.5V 125 mV/ns Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature and output/input loading variables. National does not recom- mend operation of FACT® circuits outside databook specifications. DC Characteristics For ’ACT Family Devices over Operating Temperature Range (unless otherwise specified) LM1882 54ACT/LM1882 LM1882 V CC T A = +25˚C T A = −55˚C T A = −40˚C Symbol Parameter (V) C L = 50 pF to +125˚C to +85˚C Units Conditions C L = 50 pF Typ Guaranteed Limits V OH Minimum High Level 4.5 4.49 4.4 4.4 4.4 V I OUT = −50 µA Output Voltage 5.5 5.49 5.4 5.4 5.4 V (Note 2) 4.5 3.86 3.7 3.76 V V IN = VIL/VIH 5.5 4.86 4.7 4.76 V I OH = −8 mA V OL Maximum Low Level 4.5 0.001 0.1 0.1 0.1 V I OUT = 50 µA Output Voltage 5.5 0.001 0.1 0.1 0.1 V (Note 2) 4.5 0.36 0.5 0.44 V V IN = VIL/VIH 5.5 0.36 0.5 0.44 V I OH = +8 mA I OLD Minimum Dynamic 5.5 32.0 32.0 mA V OLD = 1.65V Output Current I OHD Minimum Dynamic 5.5 −32.0 −32.0 mA V OHD = 3.85V Output Current I IN Maximum Input 5.5 ±0.1 ±1.0 ±1.0 µA V I = VCC, GND Leakage Current I CC Supply Current 5.5 8.0 160 80 µA V IN = VCC, GND Quiescent I CCT Maximum I CC/Input 5.5 0.6 1.6 1.5 mA V IN = VCC − 2.1V Note 2: All outputs loaded; thresholds on input associated with input under test. Note 3: Test Load 50 pF, 500 Ω to Ground. www.national.com 9 |
Número de pieza similar - LM1882-RCM |
|
Descripción similar - LM1882-RCM |