Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM-31A Datasheet(PDF) 3 Page - Copal Electronics |
|
SM-31A Datasheet(HTML) 3 Page - Copal Electronics |
3 / 5 page 1.3 2.8 0.9 1.3 2.8 0 0 0.9 1.3 2.8 0 0.9 1.3 2.8 0 0.9 SM-3/31 SURFACE MOUNT TRIMMERS ■ MAXIMUM INPUT RATINGS ■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS Nominal resistance values ( Ω) Resistance code Maximum input voltage (V) Maximum wiper current (mA) 50 500 2.50 50.0 100 101 3.53 35.4 200 201 5.00 25.0 500 501 7.91 15.8 1 k 102 11.2 11.2 2 k 202 15.8 7.91 5 k 502 25.0 5.00 10 k 103 35.4 3.54 20 k 203 50.0 2.50 50 k 503 79.1 1.58 100 k 104 112 1.12 200 k 204 158 0.79 500 k 504 200 0.40 1 M 105 200 0.20 2 M 205 200 0.10 (Unit : mm) SM-3W/31W SM-3A/31A SM-3B/31B Note) The zero point is the center of mounting. ※Also available to place as the above. SM-3W/31W Top adjustment 1 2 3 2.3 3.2 3.9 0.4W × 1.3L × 0.3D 0.8 0.8 4.2 3.5 Resistance code & Production date code CW rotation 1 2 3 ※Note the terminal position. ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.3 (Unit : mm) |
Número de pieza similar - SM-31A |
|
Descripción similar - SM-31A |