Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA3020 Datasheet(PDF) 6 Page - Tripath Technology Inc.

No. de pieza TA3020
Descripción Electrónicos  Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPATH [Tripath Technology Inc.]
Página de inicio  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA3020 Datasheet(HTML) 6 Page - Tripath Technology Inc.

Back Button TA3020 Datasheet HTML 2Page - Tripath Technology Inc. TA3020 Datasheet HTML 3Page - Tripath Technology Inc. TA3020 Datasheet HTML 4Page - Tripath Technology Inc. TA3020 Datasheet HTML 5Page - Tripath Technology Inc. TA3020 Datasheet HTML 6Page - Tripath Technology Inc. TA3020 Datasheet HTML 7Page - Tripath Technology Inc. TA3020 Datasheet HTML 8Page - Tripath Technology Inc. TA3020 Datasheet HTML 9Page - Tripath Technology Inc. TA3020 Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TE CH NI C A L IN F O RM A T I O N
6
TA3020, Rev 2.1, 01.01
Pin Description
Pin
Function
Description
1
VN10
“Floating” supply input for the FET drive circuitry. This voltage must be stable
and referenced to VNN.
2,48
LO2, LO1
Low side gate drive output (Channel 2 & 1)
3,47
LO2COM, LO1COM
Kelvin connection to source of low-side transistor (Channel 2 & 1)
4,46
HO2COM, HO1COM
Kelvin connection to source of high-side transistor (Channel 2 & 1)
5,45
HO2, HO1
High side gate drive output (Channel 2 & 1)
6, 7
OCS2LN, OCS2LP
Over Current Sense inputs, Channel 2 low-side
8, 9
OCS2HP, OCS2HN
Over Current Sense inputs, Channel 2 high-side
10, 40
VBOOT2, VBOOT1
Bootstrapped voltage to supply drive to gate of high-side FET
(Channel 2 & 1)
12, 31
OCR2
Over-current threshold adjustment (Channel 2)
13, 16
FBKOUT1, FBKOUT2
Switching feedback (Channels 1 & 2)
14, 18
FBKGND1, FBKGND2
Ground Kelvin feedback (Channels 1 & 2)
15
HMUTE
Logic Output. A logic high indicates both amplifiers are muted, due to the
mute pin state, or a “fault” such as an overcurrent, undervoltage, or
overvoltage condition.
17
DCOMP
Internal mode selection. This pin must be grounded for proper device
operation.
19
BIASCAP
Bandgap reference times two (typically 2.5VDC). Used to set the common
mode voltage for the input op amps. This pin is not capable of driving external
circuitry.
20, 25
INV2, INV1
Inverting inputs of Input Stage op amps. (Channels 2 & 1)
21, 26
OAOUT2, OAOUT1
Outputs of Input Stage op amps. (Channels 2 & 1)
22, 23
BBM0, BBM1
Break-before-make timing control to prevent shoot-through in the output FETs.
24
MUTE
Logic input. A logic high puts the amplifier in mute mode. Ground pin if not
used. Please refer to the section, Mute Control, in the Application Information.
27, 35
V5
5V power supply input.
28,34
AGND
Analog ground.
29
VPPSENSE
Positive supply voltage sense input. This pin is used for both over and
under voltage sensing for the VPP supply.
30
VNNSENSE
Negative supply voltage sense input. This pin is used for both over and under
voltage sensing for the VNN supply.
32
REF
Used to set internal bias currents. The pin voltage is typically 1.1V.
33, 37
OCR1
Over-current threshold adjustment (Channel 1)
39
VNN
Negative supply voltage.
41, 42
OCS1LN, OCS1LP
Over Current Sense inputs, Channel 1 low-side
43, 44
OCS1HP, OCS1HN
Over Current Sense inputs, Channel 1 high-side
11, 36,
38
NC
Not connected (bonded) internally. To minimize coupling between pins, tie
these pins to AGND (pin34).


Número de pieza similar - TA3020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ohmite Mfg. Co.
TA3025PA4K50FE OHMITE-TA3025PA4K50FE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
TA3025PA4K50JE OHMITE-TA3025PA4K50JE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
TA3025PA4K50KE OHMITE-TA3025PA4K50KE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
More results

Descripción similar - TA3020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripath Technology Inc.
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
   MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com