Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2062FJ-E2 Datasheet(PDF) 10 Page - Rohm

No. de pieza BD2062FJ-E2
Descripción Electrónicos  2.4A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2062FJ-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD2062FJ-E2 Datasheet HTML 6Page - Rohm BD2062FJ-E2 Datasheet HTML 7Page - Rohm BD2062FJ-E2 Datasheet HTML 8Page - Rohm BD2062FJ-E2 Datasheet HTML 9Page - Rohm BD2062FJ-E2 Datasheet HTML 10Page - Rohm BD2062FJ-E2 Datasheet HTML 11Page - Rohm BD2062FJ-E2 Datasheet HTML 12Page - Rohm BD2062FJ-E2 Datasheet HTML 13Page - Rohm BD2062FJ-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
BD2062FJ
BD2066FJ
Datasheet
Typical Performance Curves - continued
Figure 20. Output Turn ON Time vs
Supply Voltage
0
0.2
0.4
0.6
0.8
1
2
3
4
5
6
SUPPLY VOLTAGE: VIN (V)
Ta=25°C
Figure 21. Output Turn ON Time vs
Ambient Temperature
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
VIN=5V
Figure 22. Output Fall Time vs
Supply Voltage
0
1
2
3
4
5
2
3
4
5
6
SUPPLY VOLTAGE: VIN (V)
Ta=25°C
Figure 23. Output Fall Time vs
Ambient Temperature
0
1
2
3
4
5
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
VIN=5V
Supply Voltage: VIN(V)
Supply Voltage: VIN(V)
Ambient Temperature: Ta(°C)
Ambient Temperature: Ta(°C)
10/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300160-1-2
21.Aug.2014 Rev.003


Número de pieza similar - BD2062FJ-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ-LBE2 ROHM-BD2062FJ-LBE2 Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
More results

Descripción similar - BD2062FJ-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD82061FVJ-LB ROHM-BD82061FVJ-LB Datasheet
529Kb / 25P
   2.4A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com