Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2242G-GTR Datasheet(PDF) 1 Page - Rohm

No. de pieza BD2242G-GTR
Descripción Electrónicos  1ch Adjustable Current Limit High Side Switch ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2242G-GTR Datasheet(HTML) 1 Page - Rohm

  BD2242G-GTR Datasheet HTML 1Page - Rohm BD2242G-GTR Datasheet HTML 2Page - Rohm BD2242G-GTR Datasheet HTML 3Page - Rohm BD2242G-GTR Datasheet HTML 4Page - Rohm BD2242G-GTR Datasheet HTML 5Page - Rohm BD2242G-GTR Datasheet HTML 6Page - Rohm BD2242G-GTR Datasheet HTML 7Page - Rohm BD2242G-GTR Datasheet HTML 8Page - Rohm BD2242G-GTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Datasheet
Product structure
Silicon monolithic integrated circuit
This product is not designed protection against radioactive rays
1/26
TSZ22111
14
001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0E3E0H300280-1-2
9.JUN.2014 Rev.004
www.rohm.com
1 Channel Compact High Side Switch ICs
1ch Adjustable Current Limit
High Side Switch ICs
BD2222G
BD2242G
BD2243G
Description
BD2222G,
BD2242G
and
BD2243G
are
low
on-resistance N-channel MOSFET high-side power
switches, optimized for Universal Serial Bus (USB)
applications. These devices are equipped with the
function of over-current detection, thermal shutdown,
under-voltage lockout and soft-start. Moreover, the
range of Current limit threshold can be adjusted from
0.2A to 1.7A by changing the external resistance.
Features
Adjustable Current Limit Threshold: 200mA to 1.7A
Low On-Resistance (Typ 89mΩ) N-channel
MOSFET Built-in
Soft-Start Circuit
Output Discharge Function
BD2242G, BD2243G
Open-Drain Fault Flag Output
Thermal Shutdown
Under-Voltage Lockout
Reverse Current Protection when Power Switch Off
Control Input Logic Active-High
Active-High:
BD2222G, BD2242G
Active-Low:
BD2243G
Applications
USB hub in consumer appliances, PC,
PC peripheral equipment and so forth
Key Specifications
Input Voltage Range:
2.8V to 5.5V
On Resistance: (IN=5V)
89mΩ(Typ)
Current Limit Threshold:
0.2A to 1.7A adjustable
Standby Current:
0.01µA (Typ)
Operating Temperature Range:
-40°C to +85°C
Package
W(Typ)
D(Typ)
H (Max)
SSOP6
2.90mm x 2.80mm x 1.25mm
Typical Application Circuit
CL
120µF
CIN
1µF
IN
GND
EN
OUT
/OC
5V (Typ)
+
-
RLIM
ILIM
3.3V
10k
Ω
to
100k
Ω
10µF
Lineup
Output Load
Current
Adjustable
Current Limit
Threshold
Channel
Control input
logic
Output
Discharge
function
Package
Orderable Part
Number
Max
1.5A
200mA to 1.7A
1ch
High
No
SSOP6
Reel of 3000
BD2222G – GTR
1.5A
200mA to 1.7A
1ch
High
Yes
SSOP6
Reel of 3000
BD2242G – GTR
1.5A
200mA to 1.7A
1ch
Low
Yes
SSOP6
Reel of 3000
BD2243G – GTR
SSOP6
Figure 1. Typical Application Circuit


Número de pieza similar - BD2242G-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
More results

Descripción similar - BD2242G-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com