Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSL250R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza TSL250R
Descripción Electrónicos  LIGHTTOVOLTAGE OPTICAL SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

TSL250R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TSL250R Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSL250R, TSL251R, TSL252R
LIGHT TOVOLTAGE OPTICAL SENSORS
TAOS028A – MAY 2001
4
www.taosinc.com
t
t
Copyright
E 2001, TAOS Inc.
TYPICAL CHARACTERISTICS
0.01
0.1
1
10
100
OUTPUT VOLTAGE
vs
IRRADIANCE
0.1
1
10
Ee – Irradiance – µW/cm2
VDD = 5 V
λp = 635 nm
RL = 10 kW
TA = 25°C
Figure 2
TSL250R
TSL251R
TSL252R
0.4
0
300
500
700
900
PHOTODIODE SPECTRAL RESPONSIVITY
1
1100
0.8
0.6
0.2
λ – Wavelength – nm
TA = 25°C
Normalized to
635 nm
Figure 3
1.2
Figure 4
4
2
1
0
5.5
2.5
3
3.5
5
MAXIMUM OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
4
4.5
5
3
VDD – Supply Voltage – V
RL = 10 kΩ
TA = 25°C
Figure 5
1
0.6
01
2
3
1.6
4
1.4
1.2
0.8
VO – Output Voltage – V
SUPPLY CURRENT
vs
OUTPUT VOLTAGE
VDD = 5 V
RL = 10 kW
TA = 25°C


Número de pieza similar - TSL250R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R Datasheet
232Kb / 20P
   Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL250R-LF TAOS-TSL250R-LF Datasheet
162Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com