Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1654T Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TEA1654T
Descripción Electrónicos  GreenChipII SMPS control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1654T Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1654T Datasheet HTML 1Page - NXP Semiconductors TEA1654T Datasheet HTML 2Page - NXP Semiconductors TEA1654T Datasheet HTML 3Page - NXP Semiconductors TEA1654T Datasheet HTML 4Page - NXP Semiconductors TEA1654T Datasheet HTML 5Page - NXP Semiconductors TEA1654T Datasheet HTML 6Page - NXP Semiconductors TEA1654T Datasheet HTML 7Page - NXP Semiconductors TEA1654T Datasheet HTML 8Page - NXP Semiconductors TEA1654T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2003 May 12
4
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1654
BLOCK DIAGRAM
handbook, full pagewidth
SUPPLY
MANAGEMENT
internal
supply
UVLO
start
M-level
VCC
8
10
13
300
1
3
GND
STDBY
S1
CTRL
FREQUENCY
CONTROL
VOLTAGE
CONTROLLED
OSCILLATOR
LOGIC
LOGIC
OVER-
VOLTAGE
PROTECTION
OVER-POWER
PROTECTION
short
winding
soft
start
S2
OVER-
TEMPERATURE
PROTECTION
SQ
R
UVLO
Q
MAXIMUM
ON-TIME
PROTECTION
POWER-ON
RESET
−1
VALLEY
TEA1654T
100 mV
clamp
DRIVER
START-UP
CURRENT SOURCE
12
LOCK
0.88 V
0.5 V
5.6 V
2
11
9
n.c.
VCC(5V)
4
DRIVER
MDB213
14
DEM
7
DRAIN
5, 6
HVS
OCP
LEB
blank
Iss
lock
detect
2.5 V
SQ
R
VCC < 4.5 V
Q
5 V/1 mA
(max)
VCOadj
Isense
Fig.2 Block diagram.


Número de pieza similar - TEA1654T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1610 PHILIPS-TEA1610 Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1610T PHILIPS-TEA1610T Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610T NXP-TEA1610T Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
More results

Descripción similar - TEA1654T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1552 PHILIPS-TEA1552 Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2002 Aug 27
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
   GreenChip SMPS control IC
2002 Aug 23
TEA1833LTS PHILIPS-TEA1833LTS Datasheet
255Kb / 24P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1832TS PHILIPS-TEA1832TS Datasheet
242Kb / 23P
   GreenChip SMPS control IC
Rev. 1-16 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com