Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVEP111FARG Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC100LVEP111FARG
Descripción Electrónicos  2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP111FARG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC100LVEP111FARG Datasheet HTML 3Page - ON Semiconductor MC100LVEP111FARG Datasheet HTML 4Page - ON Semiconductor MC100LVEP111FARG Datasheet HTML 5Page - ON Semiconductor MC100LVEP111FARG Datasheet HTML 6Page - ON Semiconductor MC100LVEP111FARG Datasheet HTML 7Page - ON Semiconductor MC100LVEP111FARG Datasheet HTML 8Page - ON Semiconductor MC100LVEP111FARG Datasheet HTML 9Page - ON Semiconductor MC100LVEP111FARG Datasheet HTML 10Page - ON Semiconductor MC100LVEP111FARG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC100LVEP111
www.onsemi.com
7
Table 9. AC CHARACTERISTICS VCC = 0 V; VEE = −2.375 to −3.8 V or VCC = 2.375 to 3.8 V; VEE = 0 V (Note 14)
Symbol
−40
°C
25
°C
85
°C
Unit
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmaxPECL/HSTL
Maximum Frequency (Figure 4)
3
3
3
GHz
tPLH
tPHL
Propagation Delay
(Differential Configuration)
325
400
475
350
430
500
375
510
590
ps
tskew
Within−Device Skew (Note 15)
Within−Device Skew @ 2.5 V (Note 15)
Device−to−Device Skew (Note 16)
20
20
85
25
25
150
20
20
85
25
25
150
25
20
85
35
25
150
ps
tJITTER
CLOCK Random Jitter (RMS)
@
v0.5 GHz
@
v1.0 GHz
@
v1.5 GHz
@
v2.0 GHz
@
v2.5 GHz
@
v3.0 GHz
0.209
0.200
0.197
0.220
0.232
0.348
0.5
0.5
0.4
0.5
0.4
0.6
0.204
0.214
0.213
0.224
0.290
0.545
0.5
0.6
0.5
0.5
0.5
0.8
0.221
0.229
0.243
0.292
0.522
0.911
0.5
0.5
0.4
0.6
0.8
1.3
ps
tjit(f)
Additive RMS Phase Jitter
fc = 156.25 MHz, Integration Range:
12 kHz to 20 MHz (See Figure 5)
60
fs
VPP
Input Swing (Differential Interconnect
Configuration) Measured Single−Ended
150
800
1200
150
800
1200
150
800
1200
mV
tr/tf
Output Rise/Fall Time (20%−80%)
105
200
255
125
200
275
150
230
320
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
14. Measured with 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
15. Skew is measured between outputs under identical transitions and conditions on any one device.
16. Device−to−Device skew for identical transitions at identical VCC levels.
0
100
200
300
400
500
600
700
800
0
1000
2000
3000
4000
5000
6000
Figure 4. Fmax Typical
FREQUENCY (MHz)


Número de pieza similar - MC100LVEP111FARG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEP111FARG ONSEMI-MC100LVEP111FARG Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results

Descripción similar - MC100LVEP111FARG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com