Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSC-3.3V Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

No. de pieza LSC-3.3V
Descripción Electrónicos  Crystal Clock Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IQD [IQD Frequency Products Ltd]
Página de inicio  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LSC-3.3V Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  LSC-3.3V Datasheet HTML 1Page - IQD Frequency Products Ltd LSC-3.3V Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LSC 3.3V
Crystal Clock Oscillator Specification
ISSUE 1; January 2016
Outline (mm) SM1 = Gold Plated (RoHS)
Description
Statek’s LSC oscillators, designed especially for applications
requiring low power consumption, as low as 500nA, consist of
a Statek miniature Tuning Fork quartz crystal and a CMOS
compatible hybrid circuit in
a ceramic package.
SM1 Gold Plated (RoHS)
SM5 Solder Dipped (RoHS)
Please note that all data is only valid at 25°C unless otherwise
stated.
Frequency Parameters
Frequency
30.0kHz to 200.0kHz
±100.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
±3ppm max per year
Ageing
Frequency Stability (-10 to 70°): ±70ppm typ, ±100ppm max
Supply Voltage Variation (±10%): ±1ppm/V typ, ±3ppm/V max
Load Variation (±10% change): ±1ppm max
Electrical Parameters
3.3V ±10%
Supply Voltage
Absolute Maximum Supply Voltage Range: -0.5V to 7V
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
-55 to 125°C
Output Details
Output Compatability
CMOS
Drive Capability
10pF//10MΩ
Output Levels:
VoH 4.8V min
VoL 0.2V max
Environmental Parameters
Storage Temperature Range: -55 to 125°C
Shock: Up to 1000G, 1ms, 1/2 sine (±3ppm max)
Vibration: 10G rms, 10-2000Hz (±3ppm max)
Manufacturing Details
Process Temperature: 260°C for 20sec max
Printed on 27 Apr 16 10:46 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Número de pieza similar - LSC-3.3V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IQD Frequency Products ...
LSC-5.0V IQD-LSC-5.0V Datasheet
165Kb / 2P
   Crystal Clock Oscillator Specification
More results

Descripción similar - LSC-3.3V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IQD Frequency Products ...
CXOXULP-1.8V IQD-CXOXULP-1.8V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-3.3V IQD-CXOXULP-3.3V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULPHT-3.3V IQD-CXOXULPHT-3.3V Datasheet
278Kb / 3P
   Crystal Clock Oscillator Specification
IQXO-430 IQD-IQXO-430 Datasheet
217Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
   Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com