Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2606MVV Datasheet(PDF) 8 Page - Rohm

No. de pieza BD2606MVV
Descripción Electrónicos  6-Channel Charge Pump White LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2606MVV Datasheet(HTML) 8 Page - Rohm

Back Button BD2606MVV Datasheet HTML 4Page - Rohm BD2606MVV Datasheet HTML 5Page - Rohm BD2606MVV Datasheet HTML 6Page - Rohm BD2606MVV Datasheet HTML 7Page - Rohm BD2606MVV Datasheet HTML 8Page - Rohm BD2606MVV Datasheet HTML 9Page - Rohm BD2606MVV Datasheet HTML 10Page - Rohm BD2606MVV Datasheet HTML 11Page - Rohm BD2606MVV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8/16
BD2606MVV
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
10.Dec.2015 Rev.002
TSZ02201-0G3G0C200400-1-2
(b) Register Table
 Register Map
Address
Hex
Register
name
D7
D6
D5
D4
D3
D2
D1
D0
Function
0x00
LEDACNT
-
-
LEDACNT
Current setting of ILEDA1/2
0x01
LEDBCNT
-
-
LEDBCNT
Current setting of ILEDB1/2
0x02
LEDCCNT
-
-
LEDCCNT
Current setting of ILEDC1/2
0x03
LEDPWR
CNT
-
FREQNT
1/0
LEDC2 LEDC1 LEDB2 LEDB1 LEDA2 LEDA1
Current driver
ON/OFF control
(Note)
‘-’: Invalid at write time
‘-’: ‘L’ at read time
 Description of Registers
LEDACNT (initial value: undefined) --- <Address: 0x00, Data: [D5: D0]>
LEDBCNT (initial value: undefined) --- <Address: 0x01, Data: [D5: D0]>
LEDCCNT (initial value: undefined) --- <Address: 0x02, Data: [D5: D0]>
LED current values are controlled. LEDA1/A2, LEDB1/B2 and LEDC1/C2 are controlled through the registers
LEDACNT, LEDBCNT and LEDCCNT respectively, and the current setting can be switched every 2 channels.
For the current setting value in each register setting, refer to
‘LED Current Setting Table’ on page 9.
LEDA1 (initial value: ‘0) --- <Address: 0x03, Data: D0>
LEDA2 (initial value: ‘0) --- <Address: 0x03, Data: D1>
LEDB1 (initial value: ‘0) --- <Address: 0x03, Data: D2>
LEDB2 (initial value: ‘0) --- <Address: 0x03, Data: D3>
LEDC1 (initial value: ‘0) --- <Address: 0x03, Data: D4>
LEDC2 (initial value: ‘0) --- <Address: 0x03, Data: D5>
The ON/OFF setting of each LED driver channel is as follows:
’0’: OFF
‘1’ :ON
FREQCNT (initial value:
‘0) --- <Address: 0x03, Data: D6>
The switching frequency of a charge pump is set as follows:
’0’: 1MHz
‘1’: 250kHz
When
‘250kHz’ is selected, the flying capacitor of C1, C2 and COUT must be set to 10µF.


Número de pieza similar - BD2606MVV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BeRex Corporation
BD2626 BEREX-BD2626 Datasheet
822Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
logo
Inchange Semiconductor ...
BD263 ISC-BD263 Datasheet
187Kb / 2P
   isc Silicon NPN Darlingtion Power Transistor
logo
Rohm
BD26502GUL ROHM-BD26502GUL Datasheet
744Kb / 40P
   7x17(Max.) Dot Matrix LED Display Driver
More results

Descripción similar - BD2606MVV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com