Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD18340FV-ME2 Datasheet(PDF) 10 Page - Rohm

No. de pieza BD18340FV-ME2
Descripción Electrónicos  Constant Current Controller for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD18340FV-ME2 Datasheet(HTML) 10 Page - Rohm

Back Button BD18340FV-ME2 Datasheet HTML 6Page - Rohm BD18340FV-ME2 Datasheet HTML 7Page - Rohm BD18340FV-ME2 Datasheet HTML 8Page - Rohm BD18340FV-ME2 Datasheet HTML 9Page - Rohm BD18340FV-ME2 Datasheet HTML 10Page - Rohm BD18340FV-ME2 Datasheet HTML 11Page - Rohm BD18340FV-ME2 Datasheet HTML 12Page - Rohm BD18340FV-ME2 Datasheet HTML 13Page - Rohm BD18340FV-ME2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Datasheet
Datasheet
10/35
BD18340FV-M
BD18341FV-M
©2016 ROHM Co., Ltd. All rights reserved.
www.rohm.co.jp
TSZ22111・14・001
TSZ02201-0T1T0C700180-1-2
2016.04.21 Rev.002
Typical Performance Curves (Reference Data)
(Unless otherwise specified Ta = 25°C, VIN = 13V, CVREG = 1.0µF, Transistor PNP = 2SAR573D)
Figure 9. IBASE vs VIN
Figure 10. VFBREG vs VIN
Figure 11. ICRT vs Temp
Figure 12. IOPM vs Temp
10
15
20
25
30
35
40
45
50
4.0
6.0
8.0 10.0 12.0 14.0 16.0 18.0 20.0
VIN[V]
0
100
200
300
400
500
600
700
800
6
1116212631364146 5156
VIN[V]
38.0
38.5
39.0
39.5
40.0
40.5
41.0
41.5
42.0
-50 -25
0
25
50
75
100 125 150
Temp[℃]
38.0
38.5
39.0
39.5
40.0
40.5
41.0
41.5
42.0
-50 -25
0
25
50
75
100 125 150
Temp[℃]
Ta=125°C
Ta= 25°C
Ta=-40°C
Ta=125°C
Ta= 25°C
Ta=-40°C


Número de pieza similar - BD18340FV-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18347EFV-M ROHM-BD18347EFV-M Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
BD18347EFV-ME2 ROHM-BD18347EFV-ME2 Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
More results

Descripción similar - BD18340FV-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
logo
ON Semiconductor
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
NCV7693 ONSEMI-NCV7693 Datasheet
268Kb / 13P
   Controller for Automotive LED Lamps
December, 2019 ??Rev. 1
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com