Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML6402TRPBF Datasheet(PDF) 2 Page - ZP Semiconductor

No. de pieza IRLML6402TRPBF
Descripción Electrónicos  HEXFETPower MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZPSEMI [ZP Semiconductor]
Página de inicio  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

IRLML6402TRPBF Datasheet(HTML) 2 Page - ZP Semiconductor

  IRLML6402TRPBF Datasheet HTML 1Page - ZP Semiconductor IRLML6402TRPBF Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -1.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
29
43
ns
TJ = 25°C, IF = -1.0A
Qrr
Reverse RecoveryCharge
–––
11
17
nC
di/dt = -100A/μs
‚
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
-1.3
-22
A
S
D
G
ƒ Surface mounted on 1" square single layer 1oz. copper FR4 board,
steady state.
„ Starting TJ = 25°C, L = 1.65mH
RG = 25Ω, IAS = -3.7A.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
––– –––
V
VGS = 0V, ID = -250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– -0.009 –––
V/°C Reference to 25°C, ID = -1mA
‚
––– 0.050 0.065
VGS = -4.5V, ID = -3.7A
‚
––– 0.080 0.135
VGS = -2.5V, ID = -3.1A
‚
VGS(th)
Gate Threshold Voltage
-0.40 -0.55 -1.2
V
VDS = VGS, ID = -250μA
gfs
Forward Transconductance
6.0
––– –––
S
VDS = -10V, ID = -3.7A
‚
–––
––– -1.0
VDS = -20V, VGS = 0V
–––
–––
-25
VDS = -20V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
–––
––– 100
VGS = 12V
Qg
Total Gate Charge
–––
8.0
12
ID = -3.7A
Qgs
Gate-to-Source Charge
–––
1.2
1.8
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.8
4.2
VGS = -5.0V
‚
td(on)
Turn-On Delay Time
–––
350 –––
VDD = -10V
tr
Rise Time
–––
48
–––
ID = -3.7A
td(off)
Turn-Off Delay Time
–––
588 –––
RG = 89
Ω
tf
Fall Time
–––
381 –––
RD = 2.7
Ω
Ciss
Input Capacitance
–––
633 –––
VGS = 0V
Coss
Output Capacitance
–––
145 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
110 –––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
IRLML6402PbF
HEXFET® Power MOSFET
2 of 2
sales@zpsemi.com
www.zpsemi.com


Número de pieza similar - IRLML6402TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML6402TRPBF IRF-IRLML6402TRPBF Datasheet
123Kb / 8P
   Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRLML6402TRPBF VBSEMI-IRLML6402TRPBF Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Microchip Technology
IRLML6402TRPBF MICROCHIP-IRLML6402TRPBF Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com