Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8V49NS0312 Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza 8V49NS0312
Descripción Electrónicos  FemtoClock NG Clock Generator with 4 Dividers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8V49NS0312 Datasheet(HTML) 1 Page - Integrated Device Technology

  8V49NS0312 Datasheet HTML 1Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 2Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 3Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 4Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 5Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 6Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 7Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 8Page - Integrated Device Technology 8V49NS0312 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
1
©2016 Integrated Device Technology, Inc.
September 2, 2016
General Description
The 8V49NS0312 is a Clock Generator with four output dividers:
three integer and one that is either integer or fractional. When used
with an external crystal, the 8V49NS0312 generates high perfor-
mance timing geared towards the communications and datacom
markets, especially for applications demanding extremely low phase
noise, such as 10, 40 and 100GE.
The 8V49NS0312 provides versatile frequency configurations and
output formats and is optimized to deliver excellent phase noise
performance. The device delivers an optimum combination of high
clock frequency and low phase noise performance, combined with
high power supply noise rejection.
The 8V49NS0312 supports two types of output levels: LVPECL or
LVDS on eleven of its outputs. In addition there is a single LVCMOS
output that has the option of providing a generated clock or acting as
a reference bypass output.
The device can be configured to deliver specific output
configurations under pin control only or additional configurations
through an I2C serial interface.
It is offered in a lead-free (RoHS6) 64-pin VFQFN package.
Features
Eleven differential LVPECL, LVDS outputs with programmable
voltage swings
One LVCMOS output
— Input reference maybe bypassed to this output
The clock input operates in full differential mode (LVDS, LVPECL)
or single-ended LVCMOS mode
Driven from a crystal or differential clock input
2.4-2.5GHz PLL frequency range supports Ethernet, SONET and
CPRI frequency plans
Four Integer output dividers with a range of output divide ratios
(see Table 7)
One Fractional Output divider can generate any desired output
frequency
Support of output power-down
Excellent clock output phase noise
Offset
Output Frequency
Single-side Band Phase Noise
100kHz
156.25MHz
-143dBc/Hz
Phase Noise RMS, 156.25MHz, 12kHz to 20MHz integration
range: 110fs (maximum)
Select configurations may be controlled via the use of control
input pins without need for serial port access
LVCMOS compatible I2C serial interface gives access to
additional configurations either alone or in combination with the
control input pins
Single 3.3V supply voltage
Lead-free (RoHS 6) 64-pin VFQFN packaging
-40°C to 85°C ambient operating temperature
FemtoClock® NG Clock Generator
with 4 Dividers
8V49NS0312
Datasheet


Número de pieza similar - 8V49NS0312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
logo
Renesas Technology Corp
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
   FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
logo
Integrated Device Techn...
8V49NS0312NLGI IDT-8V49NS0312NLGI Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
8V49NS0312NLGI8 IDT-8V49NS0312NLGI8 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
More results

Descripción similar - 8V49NS0312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
   FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
8V49NS0412 RENESAS-8V49NS0412 Datasheet
1Mb / 57P
   FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
8V49NS1412 RENESAS-8V49NS1412 Datasheet
1Mb / 55P
   FemtoClock® NG Clock Generator with Four Dividers
September 28, 2022
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
    NG Clock Generator with 4 Dividers
841602 IDT-841602 Datasheet
418Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841602 RENESAS-841602 Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
IDT8T49N004I RENESAS-IDT8T49N004I Datasheet
1Mb / 38P
   Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 4-Outputs
2019
logo
Integrated Device Techn...
841604 IDT-841604 Datasheet
414Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841654 RENESAS-841654 Datasheet
492Kb / 19P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com