Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BDX66A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
BDX66A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 4 page COMSET SEMICONDUCTORS 2/4 BDX 66, A, B, C THERMAL CHARACTERISTICS Symbol Ratings Value Unit RthJ-C Thermal Resistance, Junction to Case BDX66 BDX66A BDX66B BDX66C 1.17 °C/W ELECTRICAL CHARACTERISTICS TC=25°C unless otherwise noted Symbol Ratings Test Condition(s) Min Typ Mx Unit BDX66 -60 - - BDX66A -80 - - BDX66B -100 - - VCEO(SUS) Collector-Emitter Breakdown Voltage (*) IC=-0.1 A, L=25mH BDX66C -120 - - V VCE=-30 V BDX66 -- VCE=-40 V BDX66A -- VCE=-50 V BDX66B -- ICEO Collector Cutoff Current VCE=-60 V BDX66C -- -3 mA |
Número de pieza similar - BDX66A |
|
Descripción similar - BDX66A |