Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE02135 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza NE02135
Descripción Electrónicos  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

NE02135 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NE02135 Datasheet HTML 1Page - List of Unclassifed Manufacturers NE02135 Datasheet HTML 2Page - List of Unclassifed Manufacturers NE02135 Datasheet HTML 3Page - List of Unclassifed Manufacturers NE02135 Datasheet HTML 4Page - List of Unclassifed Manufacturers NE02135 Datasheet HTML 5Page - List of Unclassifed Manufacturers NE02135 Datasheet HTML 6Page - List of Unclassifed Manufacturers NE02135 Datasheet HTML 7Page - List of Unclassifed Manufacturers NE02135 Datasheet HTML 8Page - List of Unclassifed Manufacturers NE02135 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NE021 SERIES
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE02107, NE02135
GAIN vs. FREQUENCY
NE02133
GAIN vs. FREQUENCY
Frequency, f (GHz)
Frequency, f (GHz)
40
32
24
16
8
0
0.1
0.2
0.3
0.5
0.7
1.0
2.0
MAG
|S21| 2
VCE = 10 V
IC = 20 mA
MAG
|S21|
2
40
VCE = 10 V
IC = 20mA
32
24
16
8
0
0.1
0.2
0.3
0.5
0.7
1.0
2.0
0
10
20
30
40
50
60
70
30
100 MHz
500 MHz
2 GHz
VCE = 10 V
1 GHz
25
20
15
10
5
0
Collector Current, IC (mA)
NE02107
INSERTION GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
Frequency, f (GHz)
VCE = 10 V
IC = 5 mA
5
NE02133
NE02100, NE02107, NE02135
GA
NF
4
3
2
1
0
0.1
0.2
0.3
0.5
0.7
1
2
3
20
16
12
8
4
0
NOISE FIGURE AND ASSOCIATED
GAIN vs. FREQUENCY
NOISE FIGURE vs.
COLLECTOR CURRENT
500
300
200
100
70
50
1
2
3
5 7
10
20
30
50 70 100
fT
hFE
VCE = 10 V
5.0
3.0
2.0
1.0
0.7
0.5
Collector Current, IC (mA)
GAIN BANDWIDTH PRODUCT
AND FORWARD CURRENT GAIN
vs. COLLECTOR CURRENT
VCE = 10 V
2 GHz
0.5 GHz
NE02133
NE02107, NE02135
5
4
3
2
0
1
2
3
5
7
10
20
30
1


Número de pieza similar - NE02135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor
NE02135 ASI-NE02135 Datasheet
112Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
California Eastern Labs
NE02135 CEL-NE02135 Datasheet
184Kb / 12P
   HIGH INSERTION GAIN: 18.5 dB at 500 MHz
More results

Descripción similar - NE02135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com