Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE25139T1U74 Datasheet(PDF) 5 Page - NEC

No. de pieza NE25139T1U74
Descripción Electrónicos  GENERAL PURPOSE DUAL-GATE GaAS MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

NE25139T1U74 Datasheet(HTML) 5 Page - NEC

  NE25139T1U74 Datasheet HTML 1Page - NEC NE25139T1U74 Datasheet HTML 2Page - NEC NE25139T1U74 Datasheet HTML 3Page - NEC NE25139T1U74 Datasheet HTML 4Page - NEC NE25139T1U74 Datasheet HTML 5Page - NEC NE25139T1U74 Datasheet HTML 6Page - NEC NE25139T1U74 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NE25139
MODEL RANGE
Frequency:
0.1 to 4 GHz
Bias:
VDS = 5 V, Vg1s= -0.785 V, Vg2s= 0 V, ID = 10 mA
SCHEMATIC
P1
port = 3
Pgate1
port = 1
C12
C = 0.32
Cg1s
C = 0.41
P4
port = 4
Pdrain
port = 2
Cg1d
C = 5.64e-03
Ls
L = 1.78
Rd
R = 4.58
RDS
R = 711
R12
R = 1.13
Rs
R = 5.79
Lg2
L = 0.40
Lg1
L = 1.65
Rg1
R = 1.52
Cg2s
C = 0.39
CDS
C = 7.60e-02
Rg2
R = 1.44
Cg2d
C = 0.15
CAP
CAP
CAP
CAP
CAP
CAP
RES
RES
RES
RES
RES
RES
IND
IND
IND
PORT
PORT
PORT
PORT
EEFET3
FET2
UGW=0
N=0
FILE = NE720_b.mdif
MODE = nonlinear
EEFET3
FET1
UGW=0
N=0
FILE = NE720_b.mdif
MODE = nonlinear
NOTES:
1. This UGW value scales the model parameters on page 1.
2. This N value is the number of gate fingers and scales the
model parameters on page 1.
UNITS
Parameter
Units
capacitance
picofarads
inductance
nanohenries
resistance
ohms
NONLINEAR MODEL


Número de pieza similar - NE25139T1U74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE25139T1U74 CEL-NE25139T1U74 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results

Descripción similar - NE25139T1U74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
California Eastern Labs
NE25139 CEL-NE25139 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com