Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3531F-E2 Datasheet(PDF) 3 Page - Rohm

No. de pieza BD3531F-E2
Descripción Electrónicos  Termination Regulator for DDR-SDRAMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3531F-E2 Datasheet(HTML) 3 Page - Rohm

  BD3531F-E2 Datasheet HTML 1Page - Rohm BD3531F-E2 Datasheet HTML 2Page - Rohm BD3531F-E2 Datasheet HTML 3Page - Rohm BD3531F-E2 Datasheet HTML 4Page - Rohm BD3531F-E2 Datasheet HTML 5Page - Rohm BD3531F-E2 Datasheet HTML 6Page - Rohm BD3531F-E2 Datasheet HTML 7Page - Rohm BD3531F-E2 Datasheet HTML 8Page - Rohm BD3531F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
BD3531F
3/15
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A900950-1-2
02.Nov.2015 Rev.001
Description of Blocks
– continued
6.
VTT
This is the output pin for the DDR memory termination voltage and it has a sink/source current capability of ±1.5A. VTT
voltage tracks the voltage at VDDQ pin divided in half. The output is turned OFF when EN pin is “Low” or when either
the VCC UVLO or the thermal shutdown protection function is activated.
Always connect a capacitor to VTT pin for loop gain and phase compensation and for reduction in output voltage
variation in the event of sudden load change. Be careful in choosing the capacitor as insufficient capacitance may
cause oscillation and high ESR (Equivalent Series Resistance) may result in increased output voltage variation during
a sudden change in load. Using a low-ESR ceramic capacitor, however, may reduce the loop gain and phase margin
and may caus
e oscillation. But this effect can be lessened by connecting a resistor in series with the capacitor. A 220μF
functional polymer capacitor (OS-CON, POS-CAP, NEO-CAP) is recommended, though ambient temperature and
other conditions should also be considered.
7.
EN
A “High” input of 2.0V or higher to EN turns ON the VTT output. A “Low” input of 0.8V or less, on the other hand, turns
VTT to a Hi-
Z state. With a “Low” EN input, however, the VREF output remains ON, provided that sufficient VCC and
VDDQ voltages have been established.
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Input Voltage
VCC
7 (Note 1)
V
EN Input Voltage
VEN
7 (Note 1)
V
Termination Input Voltage
VVTT_IN
7 (Note 1)
V
VDDQ Reference Voltage
VVDDQ
7 (Note 1)
V
Output Current
IVTT
1.5
A
Power Dissipation1
Pd1
0.56 (Note 2)
W
Power Dissipation2
Pd2
0.69 (Note 3)
W
Operating Temperature Range
Topr
-10 to +100
°C
Storage Temperature Range
Tstg
-55 to+150
°C
Maximum Junction Temperature
Tjmax
+150
°C
(Note 1) Should not exceed Pd.
(Note 2) Derate by 4.48mW/°C for Ta over 25°C (With no heat sink).
(Note 3) Derate by 5.52mW/°C for Ta over 25°C (When mounted on a board 70mm x 70mm x 1.6mm Glass-epoxyPCB).
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is operated in a
special mode exceeding the absolute maximum ratings.
Recommended Operating Conditions (Ta=25°C)
Parameter
Symbol
Min
Max
Unit
Input Voltage
VCC
4.5
5.5
V
Termination Input Voltage
VVTT_IN
1.0
5.5
V
EN Input Voltage
VEN
-0.3
+5.5
V


Número de pieza similar - BD3531F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3531F ROHM-BD3531F Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
More results

Descripción similar - BD3531F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com