Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD42530EFJ-C Datasheet(PDF) 8 Page - Rohm

No. de pieza BD42530EFJ-C
Descripción Electrónicos  250 mA Output Voltage Tracker
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD42530EFJ-C Datasheet(HTML) 8 Page - Rohm

Back Button BD42530EFJ-C Datasheet HTML 4Page - Rohm BD42530EFJ-C Datasheet HTML 5Page - Rohm BD42530EFJ-C Datasheet HTML 6Page - Rohm BD42530EFJ-C Datasheet HTML 7Page - Rohm BD42530EFJ-C Datasheet HTML 8Page - Rohm BD42530EFJ-C Datasheet HTML 9Page - Rohm BD42530EFJ-C Datasheet HTML 10Page - Rohm BD42530EFJ-C Datasheet HTML 11Page - Rohm BD42530EFJ-C Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Datasheet
Datasheet
8/25
BD42530xxx-C
Series
© 2016 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
TSZ02201-0G7G0AN00550-1-2
20.Apr.2016 Rev.001
Electrical Characteristics
(Unless otherwise specified, -40 °C ≤ Tj ≤ +150 °C, VCC = 13.5 V, VADJ / EN = 5 V, IO = 0 mA.
The typical value is defined at Tj = 25 °C.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Circuit Current
ICC
-
40
80
μA
Io ≤ 250 mA
Output Voltage Tracking Accuracy
∆VO
-10
-
10
mV
3.5V ≤ Vcc ≤ 32V,
0.1 mA ≤ IO ≤ 100 mA
VADJ / EN = 2V
-10
-
10
mV
3.8V ≤ Vcc ≤ 32V,
0.1 mA ≤ IO ≤ 250 mA
VADJ / EN = 2V
-10
-
10
mV
6V ≤ Vcc ≤ 32V,
0.1 mA ≤ IO ≤ 250 mA
VADJ / EN = 5V
Dropout Voltage
∆Vd
-
0.28
0.60
V
VCC = VO × 0.95 (= 4.75 V: Typ),
IO = 200 mA
Ripple Rejection
R.R.
-
80
-
dB
f = 120 Hz, ein = 1 Vrms,
IO = 100 mA
Thermal Shut Down
TSD
-
175
-
°C
Tj at TSD ON
Electrical Characteristics
(Output Control Function)
(Unless otherwise specified, -40 °C ≤ Tj ≤ +150 °C, VCC = 13.5 V, Io = 0 mA. The Typical value is defined at Tj = 25 °C.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Shutdown Current
Ishut
-
1
5
μA
VADJ / EN ≤ 0.4 V
Tj ≤ 125 °C
ADJ / EN ON Mode Voltage
VthH
2
-
-
V
Active Mode
ADJ / EN OFF Mode Voltage
VthL
0
-
0.4
V
Off Mode
ADJ / EN Bias Current
IADJ / EN
-
1
3
µA
VADJ / EN=5 V


Número de pieza similar - BD42530EFJ-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results

Descripción similar - BD42530EFJ-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
   70 mA Output Voltage Tracker
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com