Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2050F Datasheet(PDF) 2 Page - Rohm

No. de pieza BU2050F
Descripción Electrónicos  4-input Serial-in / Parallel-out Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2050F Datasheet(HTML) 2 Page - Rohm

  BU2050F Datasheet HTML 1Page - Rohm BU2050F Datasheet HTML 2Page - Rohm BU2050F Datasheet HTML 3Page - Rohm BU2050F Datasheet HTML 4Page - Rohm BU2050F Datasheet HTML 5Page - Rohm BU2050F Datasheet HTML 6Page - Rohm BU2050F Datasheet HTML 7Page - Rohm BU2050F Datasheet HTML 8Page - Rohm BU2050F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/11
BU2050F
TSZ02201-0RHR1GZ00120-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Pin Descriptions
Pin No.
Pin Name
IO
Function
1
P3
O
Parallel Data Output
2
P4
3
P5
4
VSS
-
Ground
5
P6
O
Parallel Data Output
6
P7
7
P8
8
DATA
I
Serial Data Input
9
CLK
I
Clock Signal Input
10
STB
I
Strobe Signal Input
In case of “L”, the data of shift register is
outputted to P1 through P8.
In case of “H”, all parallel outputs and data of
latch circuit do not change.
11
CLR
I
Reset Signal Input
In case of “L”, the data of latch circuit reset,
and all parallel outputs(P1 to P8) change into
“L”.
Normally CLR=H
12
P1
O
Parallel Data output
13
P2
14
VDD
-
Power Supply
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply Voltage
VDD
-0.3 to +7.0
V
Input Voltage
VIN
VSS-0.3 to VDD+0.5
V
Output Voltage
VO
VSS-0.3 to VDD+0.5
V
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
Power Dissipation
PD
0.45
(Note 1)
W
(Note 1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 4.5mW per 1°C above 25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions (TA=25℃, VSS=0V)
Parameter
Symbol
Limits
Unit
Supply Voltage
VDD
+4.5 to +5.5
V
Output Voltage
VO
0 to VDD
V


Número de pieza similar - BU2050F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
BU2050F ROHM-BU2050F Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F-E2 ROHM-BU2050F-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Descripción similar - BU2050F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com