Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2092F Datasheet(PDF) 6 Page - Rohm

No. de pieza BU2092F
Descripción Electrónicos  4-input Serial-in / Parallel-out Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2092F Datasheet(HTML) 6 Page - Rohm

Back Button BU2092F_15 Datasheet HTML 2Page - Rohm BU2092F_15 Datasheet HTML 3Page - Rohm BU2092F_15 Datasheet HTML 4Page - Rohm BU2092F_15 Datasheet HTML 5Page - Rohm BU2092F_15 Datasheet HTML 6Page - Rohm BU2092F_15 Datasheet HTML 7Page - Rohm BU2092F_15 Datasheet HTML 8Page - Rohm BU2092F_15 Datasheet HTML 9Page - Rohm BU2092F_15 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/13
BU2092F BU2092FV
TSZ02201-0RHR1GZ00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Test Circuits - continued (Figures are in case of BU2092F)
Figure 5. Test Circuit of
Timing Characteristics
Figure 4. Test Circuit of Output H/L Leak / Static Dissipation Current
VDD
+25V
A
+
IOH
A
+
IDD
PatternGenerator
1
12
SW
VSS
1
2
3
4
5
6
7
10
11
12
13
14
8
9
16
15
18
17
OL
I
VSS
+25V
RL=5kΩ
CL=10pF
VDD
PatternGenerator
VSS
RL
1
2
3
4
5
6
7
10
11
12
13
14
8
9
16
15
18
17
CL CL CL CL CL
CL
CL
CL
CL
CL
CL
CL
RL RL RL RL
RL RL RL RL RL RL RL


Número de pieza similar - BU2092F_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2092F-E2 ROHM-BU2092F-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092FP-E2 ROHM-BU2092FP-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092FS-E2 ROHM-BU2092FS-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092FV ROHM-BU2092FV Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
BU2092FV ROHM-BU2092FV Datasheet
258Kb / 6P
   12bit Serial IN / Parallel Out Driver
More results

Descripción similar - BU2092F_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com