Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2152FS Datasheet(PDF) 3 Page - Rohm

No. de pieza BU2152FS
Descripción Electrónicos  4-input Serial-in / Parallel-out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 3 Page - Rohm

  BU2152FS_15 Datasheet HTML 1Page - Rohm BU2152FS_15 Datasheet HTML 2Page - Rohm BU2152FS_15 Datasheet HTML 3Page - Rohm BU2152FS_15 Datasheet HTML 4Page - Rohm BU2152FS_15 Datasheet HTML 5Page - Rohm BU2152FS_15 Datasheet HTML 6Page - Rohm BU2152FS_15 Datasheet HTML 7Page - Rohm BU2152FS_15 Datasheet HTML 8Page - Rohm BU2152FS_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/12
BU2152FS
TSZ02201-0RHR1GZ00150-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Aug.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply Voltage
VDD
-0.3 to +7.0
V
Input Voltage
VIN
VSS-0.3 to VDD+0.3
V
Output Voltage
Vo
VSS-0.3 to VDD+0.3
V
Total output current
Σ
Io
55
mA
Operating Temperature Range
Topr
-25 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
Power Dissipation
PD
0.76
(Note 1)
W
(Note 1) Derate by 7.6mW/°C when operating above TA=25°C (when mounted in ROHM’s standard board).
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions (TA =25°C, VSS=0V)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Power Supply Voltage
VDD
2.7
-
5.5
V
(Note 2)
Output Voltage
VO
0
-
VDD
V
-
Input rise time
tr
-
-
1
µs
applied to CLK,DATA,STB,CLB
pins
(Note 3)
Input fall time
tf
-
-
1
µs
(Note 2) Set “L” to CLB pin during power up. Set ”H” to CLB pin after power is stable.
When VDD become equal to or less than 2.2V, set “L” to CLB pin to clear the latch circuit.
(Note 3) The input signal transition should be linear. Noise shouldn’t be on these input pins as there is no hysteresis countermeasure on them.
The length of power and ground lines should be as short as possible and the bypass capacitor should be as close to the IC as possible so that
the ground noise caused by the current in its operation don’t cause any undesirable data errors.
The rise and fall times had better be smaller than the specified limits.


Número de pieza similar - BU2152FS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Descripción similar - BU2152FS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com