Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NBSG53AMNR2G Datasheet(PDF) 2 Page - ON Semiconductor |
|
NBSG53AMNR2G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 17 page NBSG53A http://onsemi.com 2 VTD D D VTD VCC R SEL OLS VEE Q Q VCC VTCLK CLK CLK VTCLK 56 7 8 16 15 14 13 12 11 10 9 1 2 3 4 NBSG53A Exposed Pad (EP) Figure 1. QFN−16 Pinout (Top View) Table 1. PIN DESCRIPTION Pin Name I/O Description 1 VTCLK − Internal 50 W Termination Pin. See Table 4. 2 CLK ECL, CML, LVCMOS, LVDS, LVTTL Input Inverted Differential Input. 3 CLK ECL, CML, LVCMOS, LVDS, LVTTL Input Noninverted Differential Input. 4 VTCLK − Internal 50 W Termination Pin. See Table 4. 5 VTD − Internal 50 W termination pin. See Table 4. 6 D ECL, CML, LVCMOS, LVDS, LVTTL Input Inverted Differential Input. 7 D ECL, CML, LVCMOS, LVDS, LVTTL Input Noninverted Differential Input. 8 VTD − Internal 50 W Termination Pin. See Table 4. 9,16 VCC − Positive Supply Voltage 10 Q RSECL Output NonInverted Differential Output. Typically Terminated with 50 W Resistor to VTT = VCC − 2 V. 11 Q RSECL Output Inverted Differential Output. Typically Terminated with 50 W Resistor to VTT = VCC − 2 V. 12 VEE − Negative Supply Voltage 13 OLS* Input Input Pin for the Output Level Select (OLS). See Table 2. 14 SEL LVECL, LVCMOS, LVTTL Input Select Logic Input. Internal 75 k W to VEE. 15 R LVECL, LVCMOS, LVTTL Input Reset D Flip-Flop. Internal 75 k W to VEE. − EP The Exposed Pad (EP) on the QFN−16 package bottom is thermally connected to the die for improved heat transfer out of package. The exposed pad must be attached to a heat-sinking conduit. The pad is not electrically connected to the die but may be electrically and thermally connected to VEE on the PC board. 1. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. The thermally exposed pad (EP) on package bottom (see case drawing) must be attached to a heat-sinking conduit. 2. In the differential configuration when the input termination pins (VTD, VTD, VTCLK, VTCLK) are connected to a common termination voltage, and if no signal is applied then the device will be susceptible to self-oscillation. 3. When an output level of 400 mV is desired and VCC − VEE > 3.0 V, 2 kW resistor should be connected from OLS pin to VEE. |
Número de pieza similar - NBSG53AMNR2G |
|
Descripción similar - NBSG53AMNR2G |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |