Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC1842A-SP Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza UC1842A-SP
Descripción Electrónicos  QML Class V, Current-Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC1842A-SP Datasheet(HTML) 4 Page - Texas Instruments

  UC1842A-SP_16 Datasheet HTML 1Page - Texas Instruments UC1842A-SP_16 Datasheet HTML 2Page - Texas Instruments UC1842A-SP_16 Datasheet HTML 3Page - Texas Instruments UC1842A-SP_16 Datasheet HTML 4Page - Texas Instruments UC1842A-SP_16 Datasheet HTML 5Page - Texas Instruments UC1842A-SP_16 Datasheet HTML 6Page - Texas Instruments UC1842A-SP_16 Datasheet HTML 7Page - Texas Instruments UC1842A-SP_16 Datasheet HTML 8Page - Texas Instruments UC1842A-SP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
UC1842A-SP, UC1843A-SP, UC1844A-SP
SLUS872D – JANUARY 2009 – REVISED MAY 2015
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage, low-impedance source
30
V
VI
Input voltage (VFB, ISENSE)
–0.3
6.3
V
Supply current
Self limiting
IO
Output current
±1
A
Error amplifier output sink current
10
mA
Output energy (capacitive load)
5
μJ
PD
Power dissipation (TA = 25°C)
1
W
Tlead
Lead temperature (soldering, 10 s)
300
°C
Tstg
Storage temperature
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground. Currents are positive in, negative out of the specified terminal.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
over operating free-air temperature range (TA = TJ = –55°C to 125°C), unless otherwise noted.
MIN
MAX
UNIT
VCC
Supply voltage
12
25
V
Sink/source output current (continuous or time average)
0
200
mA
Reference load current
0
20
mA
8.4 Thermal Information
UC184xA-SP
THERMAL METRIC(1)
JG (CDIP)
FK (LCCC)
UNIT
8 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
103
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.6
9.0
°C/W
RθJB
Junction-to-board thermal resistance
69.2
°C/W
ψJT
Junction-to-top characterization parameter
13.9
°C/W
ψJB
Junction-to-board characterization parameter
73
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


Número de pieza similar - UC1842A-SP_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Descripción similar - UC1842A-SP_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com