Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS4881-CTA Datasheet(PDF) 9 Page - Gennum Corporation

No. de pieza GS4881-CTA
Descripción Electrónicos  Monolithic Video Sync Separators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4881-CTA Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS4881-CTA Datasheet HTML 5Page - Gennum Corporation GS4881-CTA Datasheet HTML 6Page - Gennum Corporation GS4881-CTA Datasheet HTML 7Page - Gennum Corporation GS4881-CTA Datasheet HTML 8Page - Gennum Corporation GS4881-CTA Datasheet HTML 9Page - Gennum Corporation GS4881-CTA Datasheet HTML 10Page - Gennum Corporation GS4881-CTA Datasheet HTML 11Page - Gennum Corporation GS4881-CTA Datasheet HTML 12Page - Gennum Corporation GS4881-CTA Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
520 - 23 - 03
Fig. 17 GS1881 Block Diagram
VIDEO
INPUT
(Pin 2)
ODD / EVEN
OUTPUT
(Pin 7)
VCC
(Pin 8)
VERTICAL SYNC
OUTPUT
(PIN 3)
BACK PORCH
DETECTOR
R_SET
(Pin 6)
1.2V
11µ
COMPOSITE
SYNC OUTPUT
(Pin 1)
85µ
VERTICAL
DETECTOR
WINDOWING
CIRCUIT
+
+
-
-
-
NOSYNC
HORIZONTAL
V SLICE
V CLAMP
BACK PORCH
OUTPUT
(Pin 5)
Q
CLK
D
G
D
Q
VOLTAGE
REGULATOR
TIMING
CURRENTS
+
C SYNC
Q
Q
CLK
D
Q
Q
VIDEO
INPUT
(Pin 2)
ODD / EVEN
OUTPUT
(Pin 7)
VCC
(Pin 8)
VERTICAL SYNC
OUTPUT
(PIN 3)
BACK PORCH
DETECTOR
R_SET
(Pin 6)
1.2V
11µ
COMPOSITE
SYNC OUTPUT
(Pin 1)
85µ
VERTICAL
DETECTOR
WINDOWING
CIRCUIT
+
+
-
-
-
NOSYNC
HORIZONTAL
B PEN
V SLICE
V CLAMP
BACK PORCH
OUTPUT
(Pin 5)
VOLTAGE
REGULATOR
TIMING
CURRENTS
+
CLK Q
D
Q
G
Q
Q
D
CLK
D
Q
Q
C SYNC
Fig. 18 GS4881 Block Diagram


Número de pieza similar - GS4881-CTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results

Descripción similar - GS4881-CTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com