Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4051BCFF-E2 Datasheet(PDF) 5 Page - Rohm

No. de pieza BU4051BCFF-E2
Descripción Electrónicos  8ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4051BCFF-E2 Datasheet(HTML) 5 Page - Rohm

  BU4051BCFF-E2 Datasheet HTML 1Page - Rohm BU4051BCFF-E2 Datasheet HTML 2Page - Rohm BU4051BCFF-E2 Datasheet HTML 3Page - Rohm BU4051BCFF-E2 Datasheet HTML 4Page - Rohm BU4051BCFF-E2 Datasheet HTML 5Page - Rohm BU4051BCFF-E2 Datasheet HTML 6Page - Rohm BU4051BCFF-E2 Datasheet HTML 7Page - Rohm BU4051BCFF-E2 Datasheet HTML 8Page - Rohm BU4051BCFF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/17
TSZ02201-0RDR0GZ00280-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4051BC BU4051BCF BU4051BCFV
Waveforms of Switching Characteristics
X1 to X7
(INPUT)
X
(OUTPUT)
CONTROL
(INPUT)
X
(OUTPUT)
VSS
VDD
50%
tPZH
50%
tPHZ
90%
CONTROL
(INPUT)
X
(OUTPUT)
Figure 1. Propagation Delay Time IN→OUT(tPLH,tPHL)
Wave form
VDD
VEE, VSS
Figure 4. Propagation Delay Time
CONTROL (A,B,C,INHIBIT)→OUT (tPLH,tPHL)
Test Circuit
RL
CL
OUT
CONTROL
A
B
C
INHIBIT
X1 to X7
X
VDD
VEE, VSS
Figure 2. Propagation Delay Time IN→OUT(tPLH,tPHL)
Test Circuit
IN
RL
CL
OUT
X
VDD
Figure 3. Propagation Delay Time
CONTROL (A,B,C,INHIBIT)→OUT (tPLH,tPHL)
Wave form
Figure 5. Propagation Delay Time
CONTROL (A,B,C,INHIBIT)→OUT (tPZL,tPLZ)
VDD
VEE, VSS
RL
CONTROL
A
B
C
INHIBIT
X1 to X7
X
OUT
CL
Figure 6. Propagation Delay Time
CONTROL (A,B,C,INHIBIT)→OUT (tPZL,tPLZ)
Test Circuit
tPLZ
VSS
VDD
50%
tPZL
50%
10%
VDD
VEE
tPLH
tPHL
50%
50%
CONTROL
A
B
C
INHIBIT
X1 to X7


Número de pieza similar - BU4051BCFF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4051BCF ROHM-BU4051BCF Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
BU4051BCF ROHM-BU4051BCF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF ROHM-BU4051BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF-E2 ROHM-BU4051BCF-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF-E2 ROHM-BU4051BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Descripción similar - BU4051BCFF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com